Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI414CI Datasheet (PDF) - IXYS Corporation

IXDI414CI Datasheet PDF - IXYS Corporation
Part # IXDI414CI
Download  IXDI414CI Download
File Size   241.25 Kbytes
Page   10 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 14 Ampere Low-Side Ultrafast MOSFET Drivers

IXDI414CI Datasheet (PDF)

Go To PDF Page Download Datasheet
IXDI414CI Datasheet PDF - IXYS Corporation

Part # IXDI414CI
Download  IXDI414CI Click to download

File Size   241.25 Kbytes
Page   10 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 14 Ampere Low-Side Ultrafast MOSFET Drivers

IXDI414CI Datasheet (HTML) - IXYS Corporation


IXDI414CI Product details

General Description
The IXDI414/IXDN414 is a high speed high current gate driver specifically designed to drive the largest MOSFETs and IGBTs to their minimum switching time and maximum practical frequency limits. The IXDI/N414 can source and sink 14A of peak current while producing voltage rise and fall times of less than 30ns to drive the latest IXYS MOSFETs & IGBTs. The input of the driver is compatible with TTL or CMOS and is fully immune to latch up over the entire operating range. Designed with small internal delays, a patent-pending circuit virtually eliminates transistor cross conduction and current shootthrough. Improved speed and drive capabilities are further enhanced by very low, matched rise and fall times.

Features
 • Built using the advantages and compatibility of CMOS and IXYS HDMOSTM processes
 • Latch-Up Protected Over Entire Operating Range
 • High Peak Output Current: 14A Peak
 • Wide Operating Range: 4.5V to 25V
 • High Capacitive Load Drive Capability: 15nF in <30ns
 • Matched Rise And Fall Times
 • Low Propagation Delay Time
 • Low Output Impedance
 • Low Supply Current

Applications
 • Driving MOSFETs and IGBTs
 • Motor Controls
 • Line Drivers
 • Pulse Generators
 • Local Power ON/OFF Switch
 • Switch Mode Power Supplies (SMPS)
 • DC to DC Converters
 • Pulse Transformer Driver
 • Class D Switching Amplifiers




Similar Part No. - IXDI414CI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI402PI IXYS-IXDI402PI Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI402PI IXYS-IXDI402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI402SI IXYS-IXDI402SI Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI402SI IXYS-IXDI402SI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI402SI-16 IXYS-IXDI402SI-16 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Similar Description - IXDI414CI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
9-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN514SIA IXYS-IXDN514SIA Datasheet
385Kb / 12P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
9 Ampere Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
2 Ampere Single Low-Side Ultrafast MOSFET Drivers
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com