Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9164 Datasheet (PDF) - List of Unclassifed Manufacturers

RT9164 Datasheet PDF - List of Unclassifed Manufacturers
Part # RT9164
Download  RT9164 Download
File Size   266.56 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS

RT9164 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9164 Datasheet PDF - List of Unclassifed Manufacturers

Part # RT9164
Download  RT9164 Click to download

File Size   266.56 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS

RT9164 Datasheet (HTML) - List of Unclassifed Manufacturers


RT9164 Product details

[RichTek]

General Description
The RT9164 series of high performance positive voltage regulators is designed for applications requiring low dropout performance at fully rated current. Additionally, the RT9164 series provides excellent regulation over variations in line and load.

Features
● Low Dropout Performance, 1.4V Max.
● Full Current Rating Over Line and Temperature
● Fast Transient Response
● ±1% Output Voltage Accuracy
● 2.5V, 2.85V, 3.3V, and 3.5V Fixed/Adjustable Output Voltage
● SOT-223 and TO-252 Packages

Applications
● Active SCSI Termination
● Low Voltage Microcontrollers
● Switching Power Supply Post-Regulator




Similar Part No. - RT9164

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GG RICHTEK-RT9164A-15GG Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GL RICHTEK-RT9164A-15GL Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GLR RICHTEK-RT9164A-15GLR Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GM RICHTEK-RT9164A-15GM Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Similar Description - RT9164

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com