Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8S512K32PECA Datasheet (PDF) - Micross Components

AS8S512K32PECA Datasheet PDF - Micross Components
Part # AS8S512K32PECA
Download  AS8S512K32PECA Download
File Size   206.27 Kbytes
Page   8 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Parallel Read/Write Interface

AS8S512K32PECA Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8S512K32PECA Datasheet PDF - Micross Components

Part # AS8S512K32PECA
Download  AS8S512K32PECA Click to download

File Size   206.27 Kbytes
Page   8 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Parallel Read/Write Interface

AS8S512K32PECA Datasheet (HTML) - Micross Components


AS8S512K32PECA Product details

DESCRIPTION
The AS8S512K32 is a high speed, 5V, 16Mb SRAM. The device is available with access times of 12, 15, 20 and 25ns creating a zero wait state/latency, real-time memory solution. The high speed, 5v supply voltage and control lines,make the device ideal for all your real-time computer memory requirements.

FEATURES
■ Integrated Real-Time Memory Array Solution
    ■ No latency or refresh fycles
    ■ Parallel Read/Write Interface
    ■ User Configurable via multiple enables
■ Random Access Memory Array
    ■ Fast Access Times: 12, 15, 20, and 25ns
    ■ TTL Compatible I/O
    ■ Fully Static, No Clocks
■ Surface Mount Package
    ■ 68 Lead PLCC, No. 99 JEDEC M0-47AE
    ■ Small Footprint, 0.990 Sq. In.
    ■ Multiple Ground Pins for Maximum Noise Immunity
    ■ Single +5V (±5%) Supply Operation




Similar Part No. - AS8S512K32PECA

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S512K32PEC AUSTIN-AS8S512K32PEC Datasheet
197Kb / 7P
16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8S512K32PEC-12/ET AUSTIN-AS8S512K32PEC-12/ET Datasheet
197Kb / 7P
16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8S512K32PEC-12/IT AUSTIN-AS8S512K32PEC-12/IT Datasheet
197Kb / 7P
16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8S512K32PEC-12/XT AUSTIN-AS8S512K32PEC-12/XT Datasheet
197Kb / 7P
16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8S512K32PEC-15/ET AUSTIN-AS8S512K32PEC-15/ET Datasheet
197Kb / 7P
16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
More results


Similar Description - AS8S512K32PECA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
Read/Write Transponder
logo
Hitachi Semiconductor
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
READ / WRITE CIRCUIT
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
READ / WRITE CIRCUIT
logo
GSI Technology
GS8342D07BGD-300 GSI-GS8342D07BGD-300 Datasheet
506Kb / 29P
Simultaneous Read and Write SigmaQuad Interface
GS8342DT10BD-333 GSI-GS8342DT10BD-333 Datasheet
507Kb / 29P
Simultaneous Read and Write SigmaQuad Interface
GS8342DT11BD-350 GSI-GS8342DT11BD-350 Datasheet
524Kb / 30P
Simultaneous Read and Write SigmaQuad Interface
GS81302DT10E-300I GSI-GS81302DT10E-300I Datasheet
513Kb / 30P
Simultaneous Read and Write SigmaQuad Interface
GS81302DT06E-450I GSI-GS81302DT06E-450I Datasheet
515Kb / 31P
Simultaneous Read and Write SigmaQuad Interface
logo
Pepperl+Fuchs Inc.
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
Read/write head
IPH-F97-V1 PF-IPH-F97-V1 Datasheet
696Kb / 3P
Read/write head
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com