Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC292 Datasheet (PDF) - Micross Components

HMC292 Datasheet PDF - Micross Components
Part # HMC292
Download  HMC292 Download
File Size   977.1 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description GaAs MMIC DOUBLE-BALANCED

HMC292 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC292 Datasheet PDF - Micross Components

Part # HMC292
Download  HMC292 Click to download

File Size   977.1 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description GaAs MMIC DOUBLE-BALANCED

HMC292 Datasheet (HTML) - Micross Components


HMC292 Product details

General Description
The HMC292 chip is a miniature passive GaAs MMIC double-balanced mixer which can be used as an upconverter or downconverter from 18 - 32 GHz in a small chip area of 0.66 mm2. Excellent isolations are provided by on-chip baluns, which require no external components and no DC bias. All data is measured with the chip in a 50 ohm test fixture connected via 0.076 mm (3 mil) ribbon bonds of minimal length <0.31 mm (<12 mils).

Features
   Input IP3: +19 dBm
   LO / RF Isolation: 38 dB
   Passive: No DC Bias Required
   Small Size: 1.04 x 0.58 x 0.1 mm

Typical Applications
The HMC292 is ideal for:
• Microwave Point-to-Point Radios
• LMDS
• SATCOM




Similar Part No. - HMC292

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC292 HITTITE-HMC292 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC292 HITTITE-HMC292 Datasheet
203Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
logo
Analog Devices
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC292A-SX AD-HMC292A-SX Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
More results


Similar Description - HMC292

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1048LC3B HITTITE-HMC1048LC3B Datasheet
1Mb / 8P
GaAs MMIC DOUBLE-BALANCED
logo
Marki Microwave
MM1-0212S MARKIMICROWAVE-MM1-0212S Datasheet
950Kb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0222L MARKIMICROWAVE-MM1-0222L Datasheet
1Mb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0312S MARKIMICROWAVE-MM1-0312S Datasheet
787Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0626H MARKIMICROWAVE-MM1-0626H Datasheet
796Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0626S MARKIMICROWAVE-MM1-0626S Datasheet
784Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0832H MARKIMICROWAVE-MM1-0832H Datasheet
838Kb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0832HSM MARKIMICROWAVE-MM1-0832HSM Datasheet
1Mb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0832LSM MARKIMICROWAVE-MM1-0832LSM Datasheet
911Kb / 13P
GaAs MMIC Double Balanced Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com