Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC346 Datasheet (PDF) - Micross Components

HMC346 Datasheet PDF - Micross Components
Part # HMC346
Download  HMC346 Download
File Size   927.24 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description 32 dB Attenuation Range

HMC346 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC346 Datasheet PDF - Micross Components

Part # HMC346
Download  HMC346 Click to download

File Size   927.24 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description 32 dB Attenuation Range

HMC346 Datasheet (HTML) - Micross Components




Similar Part No. - HMC346

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346 Datasheet
252Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346 HITTITE-HMC346 Datasheet
281Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346 HITTITE-HMC346 Datasheet
265Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results


Similar Description - HMC346

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TAD5010 APITECH-TAD5010 Datasheet
586Kb / 1P
7 Bit Digital Attenuator Attenuation Range: 63.5 dB
TAD5009 APITECH-TAD5009 Datasheet
93Kb / 1P
7 Bit Digital Attenuator Attenuation Range: 12.7 dB
TAD5008 APITECH-TAD5008 Datasheet
190Kb / 1P
5 Bit Digital Attenuator Attenuation Range: 62 dB
TAD5007 APITECH-TAD5007 Datasheet
193Kb / 1P
4 Bit Digital Attenuator Attenuation Range: 45 dB
TAD2104 APITECH-TAD2104 Datasheet
563Kb / 1P
5 Bit Digital Attenuator Attenuation Range: 62 dB
logo
M/A-COM Technology Solu...
MAAD-009170 MA-COM-MAAD-009170 Datasheet
899Kb / 9P
Minimal Phase Variation over Attenuation Range
MAAD-009194 MA-COM-MAAD-009194 Datasheet
768Kb / 9P
Minimal Phase Variation over Attenuation Range
MAAD-009195 MA-COM-MAAD-009195 Datasheet
828Kb / 9P
Minimal Phase Variation over Attenuation Range
MAAD-009260 MA-COM-MAAD-009260 Datasheet
744Kb / 7P
Minimal Phase Variation over Attenuation Range
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com