Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1030 Datasheet (PDF) - Toshiba Semiconductor

TPD1030 Datasheet PDF - Toshiba Semiconductor
Part # TPD1030
Download  TPD1030 Download
File Size   112.74 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive

TPD1030 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD1030 Datasheet PDF - Toshiba Semiconductor

Part # TPD1030
Download  TPD1030 Click to download

File Size   112.74 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive

TPD1030 Datasheet (HTML) - Toshiba Semiconductor


TPD1030 Product details

The TPD1030F is a 2-IN-1 low-side switch. The IC has a vertical MOSFET output which can be directly

driven from a CMOS or TTL logic circuit (e.g., an MPU). The IC is equipped with intelligent self-protection functions.



Features

•  Two built-in power IC chips with a new structure combining a control block and a vertical power MOSFET (L2-π-MOS) on each chip.

•  Can directly drive a power load from a CMOS or TTL logic.

•  Built-in protection circuits against overvoltage (active clamp),overtemperature (thermal shutdown), and overcurrent (current limiter).

•  Low Drain-Source ON-resistance: RDS (ON) =0.6 Ω(max) (@VIN =5 V, ID =0.5 A, Tch =25°C)

•  Low Leakage Current: IDSS =10 μA (max) (@VIN =0 V, VDS =30 V, Tch =25°C)

•  Low Input Current: IIN =300 μA (max) (@VIN =5 V, Tch =25°C)

•  8-pin SOP package with embossed-tape packing.




Similar Part No. - TPD1030

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1030F TOSHIBA-TPD1030F Datasheet
175Kb / 6P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
31-Oct-2006
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
31-Oct-2006
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Similar Description - TPD1030

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
17-Feb-2000
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
31-Oct-2006
TPD1032F TOSHIBA-TPD1032F Datasheet
199Kb / 7P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
31-Oct-2006
TPD1037BS TOSHIBA-TPD1037BS_07 Datasheet
180Kb / 8P
Low-Side Switch for Motor, Solenoid and Lamp Drive
28-Mar-2007
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
Low-Side Switch for Motor, Solenoid and Lamp Drive
02-Oct-2007
TPD1046F TOSHIBA-TPD1046F Datasheet
283Kb / 11P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
02-Oct-2007
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1032F TOSHIBA-TPD1032F_13 Datasheet
199Kb / 7P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F_13 Datasheet
289Kb / 11P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
Low-Side Switch for Motor, Solenoid and Lamp Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com