Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W24L01 Datasheet (PDF) - Winbond

W24L01 Datasheet PDF - Winbond
Part # W24L01
Download  W24L01 Download
File Size   182.68 Kbytes
Page   11 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128K X 8 CMOS STATIC RAM

W24L01 Datasheet (PDF)

Go To PDF Page Download Datasheet
W24L01 Datasheet PDF - Winbond

Part # W24L01
Download  W24L01 Click to download

File Size   182.68 Kbytes
Page   11 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128K X 8 CMOS STATIC RAM

W24L01 Datasheet (HTML) - Winbond


W24L01 Product details

GENERAL DESCRIPTION
The W24L01 is a normal-speed, very low-power CMOS static RAM organized as 131072 ´ 8 bits that
operates on a wide voltage range from 2.7V to 3.6V power supply. The W24L01 family, W24L01-LE
and W24L01-LI, can meet the requirement of various operating temperature. This device is
manufactured using Winbonds high performance CMOS technology.

FEATURES
• Low power consumption
• Access time: 55 nS /70 nS
• 2.7V to 3.6V supply voltage
• Fully static operation
• All inputs and outputs directly TTL compatible
• Three-state outputs
• Battery back-up operation capability
• Data retention voltage: 1.5V (min.)
• Packaged in 32-pin 450 mil SOP, standard type one TSOP (8 mm ´ 20 mm), small type one TSOP (8 mm ´ 13.4 mm) and 48-pin CSP




Similar Part No. - W24L01

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L010AJ-10 WINBOND-W24L010AJ-10 Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
More results


Similar Description - W24L01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
CMOS 1M (128K x 8) Static Ram
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
128K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
128K x 8 Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com