Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RB2-RLSIM Datasheet (PDF) - ATMEL Corporation

T89C51RB2-RLSIM Datasheet PDF - ATMEL Corporation
Part # T89C51RB2-RLSIM
Download  T89C51RB2-RLSIM Download
File Size   251.29 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH

T89C51RB2-RLSIM Datasheet (PDF)

Go To PDF Page Download Datasheet
T89C51RB2-RLSIM Datasheet PDF - ATMEL Corporation

Part # T89C51RB2-RLSIM
Download  T89C51RB2-RLSIM Click to download

File Size   251.29 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH

T89C51RB2-RLSIM Datasheet (HTML) - ATMEL Corporation


T89C51RB2-RLSIM Product details

Description

T89C51RB2/RC2 is a high performance FLASH version of the 80C51 8-bit microcontrollers. It contains a 16K or 32Kbytes Flash memory block for program and data. The 16 Kbytes or 32 Kbytes FLASH memory can be programmed either in parallel mode or in serial mode with the ISP capability or with software. The programming voltage is internally generated from the standard VCC pin.



Features

• 80C52 Compatible

• 8051 pin and instruction compatible

• Four 8-bit I/O ports

• Three 16-bit timer/counters

• 256 bytes scratch pad RAM

• 10 Interrupt sources with 4 priority levels

• Dual Data Pointer

• Variable length MOVX for slow RAM/peripherals

• ISP (In System Programming) using standard VCC power supply.

• Boot ROM contains low level FLASH programming routines and a default serial loader

• High-Speed Architecture

• 40 MHz in standard mode

• 20 MHz in X2 mode (6 clocks/machine cycle)

• 16K/32K bytes on-chip FLASH program / data Memory

• Byte and page (128 bytes) erase and write

• 100k write cycles

• On-chip 1024 bytes expanded RAM (XRAM)

• Software selectable size (0, 256, 512, 768, 1024 bytes)

• 256 bytes selected at reset for TS87C51RB2/RC2 compatibility

• Keyboard interrupt interface on port P1

• SPI Interface (Master / Slave Mode)

• 8-bit clock prescaler

• Improved X2 mode with independant selection for CPU and each peripheral

• Programmable Counter Array 5 Channels with:

• High Speed Output,

• Compare / Capture,

• Pulse Width Modulator,

• Watchdog Timer Capabilities

• Asynchronous port reset

• Full duplex Enhanced UART

• Dedicated Baud Rate Generator for UART

• Low EMI (inhibit ALE)




Similar Part No. - T89C51RB2-RLSIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RB2-RLTIL ATMEL-T89C51RB2-RLTIL Datasheet
1Mb / 117P
8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RB2-RLTIM ATMEL-T89C51RB2-RLTIM Datasheet
1Mb / 117P
8-bit Microcontroller with 16K/ 32K Bytes Flash
More results


Similar Description - T89C51RB2-RLSIM

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M87C51FC INTEL-M87C51FC Datasheet
257Kb / 15P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 32 KBYTES USER PROGRAMMABLE EPROM
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
IC89C52 ICSI-IC89C52 Datasheet
131Kb / 22P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89E54 ICSI-IC89E54 Datasheet
180Kb / 36P
8-BITS SINGLE MICROCONTROLLER with 16/32/64-Kbytes of FLASH, 256 byte 512 byte RAM
IC89LV52 ICSI-IC89LV52 Datasheet
218Kb / 22P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Integrated Silicon Solu...
IS89C51 ISSI-IS89C51 Datasheet
280Kb / 48P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com