Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8020.0510.PT Datasheet (PDF) - Schurter Inc.

8020.0510.PT Datasheet PDF - Schurter Inc.
Part # 8020.0510.PT
Download  8020.0510.PT Download
File Size   222.22 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC

8020.0510.PT Datasheet (PDF)

Go To PDF Page Download Datasheet
8020.0510.PT Datasheet PDF - Schurter Inc.

Part # 8020.0510.PT
Download  8020.0510.PT Click to download

File Size   222.22 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC

8020.0510.PT Datasheet (HTML) - Schurter Inc.




Similar Part No. - 8020.0510.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
8020.0510.xx SCHURTER-8020.0510.xx Datasheet
340Kb / 2P
Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
More results


Similar Description - 8020.0510.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
80200504 SCHURTER-80200504 Datasheet
340Kb / 2P
Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
SPT3.6X10 SCHURTER-SPT3.6X10 Datasheet
254Kb / 3P
Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MXT250 SCHURTER-MXT250_V01 Datasheet
394Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com