Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02-XC31 Datasheet (PDF) - Torex Semiconductor

02-XC31 Datasheet PDF - Torex Semiconductor
Part # 02-XC31
Download  02-XC31 Download
File Size   88.25 Kbytes
Page   1 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description XC31

02-XC31 Datasheet (PDF)

Go To PDF Page Download Datasheet
02-XC31 Datasheet PDF - Torex Semiconductor

Part # 02-XC31
Download  02-XC31 Click to download

File Size   88.25 Kbytes
Page   1 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description XC31

02-XC31 Datasheet (HTML) - Torex Semiconductor


02-XC31 Product details

Summary

XC31 series is to correct the temperature characteristics of liquid crystal, etc., by the device itself sensing the surrounding Temperature, and output to adapt to the temperature and voltage of the temperature sensor with a positive voltage 3-pin regulator.

As the measured output voltage can be obtained by the measured temperature, it can also be used as temperature sensing.

By the temperature sensor, voltage correction circuit, high-precision reference power, error correction power Circuit and a short-circuit-protected output driver.

Through the use of laser trimming technology to improve the output voltage accuracy, even if the power supply voltage and A stable output can be achieved by changing the output current.

In addition, through the use of CMOS technology, saving power consumption.

Depending on the application, 150mW (SOT-23) or 500mW (SOT-89) can be used.



Features

• Output voltage setting                      : 1.5 ~ 5.5V (0.1V interval)

• High precision                                 : Set voltage accuracy ± 5%

• Output voltage temperature coefficient      : TYP 3000ppm / ℃

• Sensing temperature range                      : -20 ℃ ~ 60 ℃

• Maximum output current                         : 50mA (maximum allowable power consumption)

• Low current consumption                        : TYP 1.0μA (VOUT = 1.54V)

• Input voltage                                        : 7V (MAX)

• Ultra-small package                               : SOT-23 (150mW) micro-molding

                                                             SOT-89 (500mW) Micro-power molding



 




Similar Part No. - 02-XC31

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
02-0 GRAYHILL-02-0 Datasheet
99Kb / 1P
Rapid, Easy Connections
02-0 GRAYHILL-02-0 Datasheet
94Kb / 1P
Rapid, Easy Connections
02-0. GRAYHILL-02-0. Datasheet
99Kb / 1P
Rapid, Easy Connections
02-0. GRAYHILL-02-0. Datasheet
94Kb / 1P
Rapid, Easy Connections
logo
JDS Uniphase Corporatio...
02-0104-0400 JDSU-02-0104-0400 Datasheet
205Kb / 4P
CAS-2000 Comprehensive Application System
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com