Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3540R Datasheet (PDF) - GeneSiC Semiconductor, Inc.

MBR3540R Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # MBR3540R
Download  MBR3540R Download
File Size   780.75 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Not ESD Sensitive

MBR3540R Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR3540R Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # MBR3540R
Download  MBR3540R Click to download

File Size   780.75 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Not ESD Sensitive

MBR3540R Datasheet (HTML) - GeneSiC Semiconductor, Inc.


MBR3540R Product details

Features
• High Surge Capability
• Types from 20 V to 40 V VRRM
• Not ESD Sensitive




Similar Part No. - MBR3540R

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR3540R TEL-MBR3540R Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
logo
Naina Semiconductor ltd...
MBR3540R NAINA-MBR3540R Datasheet
123Kb / 2P
Schottky Power Diode, 35A
logo
GeneSiC Semiconductor, ...
MBR3540R GENESIC-MBR3540R Datasheet
799Kb / 3P
Silicon Power Schottky Diode
More results


Similar Description - MBR3540R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X050A060 GENESIC-MBR2X050A060 Datasheet
312Kb / 3P
Not ESD Sensitive
MBR2X060A120 GENESIC-MBR2X060A120 Datasheet
394Kb / 3P
Not ESD Sensitive
MBR2X160A120 GENESIC-MBR2X160A120 Datasheet
314Kb / 3P
Not ESD Sensitive
MBR30020CTL GENESIC-MBR30020CTL Datasheet
447Kb / 3P
Not ESD Sensitive
MBR60030CTL GENESIC-MBR60030CTL Datasheet
447Kb / 3P
Not ESD Sensitive
MBR60035CTL GENESIC-MBR60035CTL Datasheet
429Kb / 3P
Not ESD Sensitive
1N5829 GENESIC-1N5829 Datasheet
846Kb / 3P
Not ESD Sensitive
MBR7520 GENESIC-MBR7520 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR7545 GENESIC-MBR7545 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR8020 GENESIC-MBR8020 Datasheet
367Kb / 3P
Not ESD Sensitive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com