Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR50020CT Datasheet (PDF) - GeneSiC Semiconductor, Inc.

MBR50020CT Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # MBR50020CT
Download  MBR50020CT Download
File Size   448.84 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description High Surge Capability

MBR50020CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR50020CT Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # MBR50020CT
Download  MBR50020CT Click to download

File Size   448.84 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description High Surge Capability

MBR50020CT Datasheet (HTML) - GeneSiC Semiconductor, Inc.


MBR50020CT Product details

Features
• High Surge Capability
• Types from 20 V to 40 V VRRM
• Not ESD Sensitive




Similar Part No. - MBR50020CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR50020CT MCC-MBR50020CT Datasheet
147Kb / 3P
500 Amp Rectifier 20 to 45 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR50020CT TEL-MBR50020CT Datasheet
132Kb / 2P
SCHOTTKY DIODES MODULE TYPE 500A
logo
America Semiconductor, ...
MBR50020CT AMERICASEMI-MBR50020CT Datasheet
597Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR50020CT GENESIC-MBR50020CT Datasheet
705Kb / 3P
Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
MBR50020CTR TEL-MBR50020CTR Datasheet
132Kb / 2P
SCHOTTKY DIODES MODULE TYPE 500A
More results


Similar Description - MBR50020CT

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
High Surge Capability
FR30MR05 GENESIC-FR30MR05 Datasheet
663Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com