Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF614A Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF614A Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF614A
Download  IRF614A Download
File Size   200.66 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel Mosfet Transistor

IRF614A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF614A Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF614A
Download  IRF614A Click to download

File Size   200.66 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel Mosfet Transistor

IRF614A Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF614A Product details

• DESCRITION
• Designed for high speed applications, such as switching power supplies , AC and DC motor controls,relay and solenoid drivers and other pulse.

• FEATURES
• Low RDS(on)
• VGS Rated at ±30V
• Silicon Gate for Fast Switching Speed
• Rugged
• Low Drive Requirements




Similar Part No. - IRF614A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF614 INTERSIL-IRF614 Datasheet
45Kb / 7P
2.0A, 250V, 2.0 Ohm, N-Channel Power MOSFET
January 1998
logo
Vishay Siliconix
IRF614 VISHAY-IRF614 Datasheet
282Kb / 9P
Power MOSFET
21-Mar-11
IRF614 VISHAY-IRF614 Datasheet
158Kb / 8P
Power MOSFET
12-Apr-2021
logo
Inchange Semiconductor ...
IRF614 ISC-IRF614 Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
2023-9-7
logo
Fairchild Semiconductor
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
250V N-Channel MOSFET
More results


Similar Description - IRF614A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com