Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12864A Datasheet (PDF) - List of Unclassifed Manufacturers

12864A Datasheet PDF - List of Unclassifed Manufacturers
Part # 12864A
Download  12864A Download
File Size   97.03 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 128 X 64 DOTS

12864A Datasheet (PDF)

Go To PDF Page Download Datasheet
12864A Datasheet PDF - List of Unclassifed Manufacturers

Part # 12864A
Download  12864A Click to download

File Size   97.03 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 128 X 64 DOTS

12864A Datasheet (HTML) - List of Unclassifed Manufacturers


12864A Product details

FEATURES

(1)  Display format : 128 ×64 dot-matrix ; 1/ 64 duty.

(2)  Construction: STN / FSTN LCD, Bezel, Zebra, Heat Seal and PCB.

(3)  Optional LED or EL backlight.

(4)  Controller : KS0108B.

(5)  5V single power input. Built-in DC/DC converter for LCD driving.

(6)  Normal / Extended temperature type.




Similar Part No. - 12864A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12864 ETC2-12864 Datasheet
290Kb / 7P
LCD MODULE BRIEF INTRODUCTION USERS GUIDE
logo
Heyco.
12864 HEYCO-12864 Datasheet
91Kb / 1P
Stainless Steel Cable Ties
12864 HEYCO-12864 Datasheet
88Kb / 1P
Stainless Steel Cable Ties
12864 HEYCO-12864 Datasheet
89Kb / 1P
Stainless Steel Cable Ties
logo
List of Unclassifed Man...
12864-12 ETC2-12864-12 Datasheet
460Kb / 31P
128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
More results


Similar Description - 12864A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG128641 ETC-LG128641 Datasheet
31Kb / 1P
128 x 64 dots
SG12864H ETC-SG12864H Datasheet
139Kb / 1P
128 DOTS X 64 DOTS
LG128642 ETC-LG128642 Datasheet
33Kb / 1P
128 x 64 dots
SG12864I ETC2-SG12864I Datasheet
49Kb / 2P
128 DOTS X 64 DOTS
SG12864J ETC2-SG12864J Datasheet
43Kb / 2P
( 128 DOTS X 64 DOTS )
logo
HYES Optoelectronics, I...
HE125XX50 HYES-HE125XX50 Datasheet
191Kb / 1P
128 X 64 Dots
HE125XX51 HYES-HE125XX51 Datasheet
177Kb / 1P
128 X 64 Dots
HE126XX05 HYES-HE126XX05 Datasheet
181Kb / 1P
128 X 64 Dots
HE126XX51 HYES-HE126XX51 Datasheet
183Kb / 1P
128 X 64 Dots
HE126XX52 HYES-HE126XX52 Datasheet
190Kb / 1P
128 X 64 Dots
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com