Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4360-2BCP Datasheet (PDF) - Analog Devices

ADF4360-2BCP Datasheet PDF - Analog Devices
Part # ADF4360-2BCP
Download  ADF4360-2BCP Download
File Size   336.77 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Synthesizer and VCO

ADF4360-2BCP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4360-2BCP Datasheet PDF - Analog Devices

Part # ADF4360-2BCP
Download  ADF4360-2BCP Click to download

File Size   336.77 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Synthesizer and VCO

ADF4360-2BCP Datasheet (HTML) - Analog Devices


ADF4360-2BCP Product details

GENERAL DESCRIPTION

The ADF4360-2 is a fully integrated integer-N synthesizer and voltage-controlled oscillator (VCO). The ADF4360-2 is designed for a center frequency of 2000 MHz. In addition, a divide-by-2 option is available, whereby the user gets an RF output of between 925 MHz and 1085 MHz.



FEATURES

Output frequency range: 1850 MHz to 2170 MHz

Divide-by-2 output

3.0 V to 3.6 V power supply

1.8 V logic compatibility

Integer-N synthesizer

Programmable dual-modulus prescaler 8/9, 16/17, 32/33

Programmable output power level

3-wire serial interface

Analog and digital lock detect

Hardware and software power-down mode



APPLICATIONS

Wireless handsets (DECT, GSM, PCS, DCS, WCDMA)

Test equipment

Wireless LANs

CATV equipment




Similar Part No. - ADF4360-2BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-2BCPZ AD-ADF4360-2BCPZ Datasheet
589Kb / 24P
Integrated Synthesizer and VCO
REV. C
ADF4360-2BCPZ AD-ADF4360-2BCPZ Datasheet
433Kb / 24P
Integrated Synthesizer and VCO
5/2016-Rev. C to Rev. D
ADF4360-2BCPZRL AD-ADF4360-2BCPZRL Datasheet
589Kb / 24P
Integrated Synthesizer and VCO
REV. C
ADF4360-2BCPZRL7 AD-ADF4360-2BCPZRL7 Datasheet
589Kb / 24P
Integrated Synthesizer and VCO
REV. C
ADF4360-2BCPZRL7 AD-ADF4360-2BCPZRL7 Datasheet
433Kb / 24P
Integrated Synthesizer and VCO
5/2016-Rev. C to Rev. D
More results


Similar Description - ADF4360-2BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
Integrated Synthesizer and VCO
01/05 - Rev. 0 to Rev. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
Integrated Synthesizer and VCO
REV. C
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
Integrated Synthesizer and VCO
REV. C
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
Integrated Synthesizer and VCO
3/16-Rev. C to Rev. D
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
Integrated Synthesizer and VCO
5/2016-Rev. B to Rev. C
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
Integrated Synthesizer and VCO
4/16-Rev. B to Rev. C
ADF4360-5 AD-ADF4360-5_16 Datasheet
347Kb / 24P
Integrated Synthesizer and VCO
6/2016-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com