Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F4 Datasheet (PDF) - Abracon Corporation

STM32F4 Datasheet PDF - Abracon Corporation
Part # STM32F4
Download  STM32F4 Download
File Size   841.56 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD Low ESR Crystal

STM32F4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F4 Datasheet PDF - Abracon Corporation

Part # STM32F4
Download  STM32F4 Click to download

File Size   841.56 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD Low ESR Crystal

STM32F4 Datasheet (HTML) - Abracon Corporation


STM32F4 Product details

Overview
ABRACON’s ABS06-107-32.768kHz-T Tuning Fork Crystal is optimized for Power Sensitive Designs, requiring minimal plating load (4pF) and Ultra-Low ESR. With guaranteed maximum ESR of 80kΩ, this device is ideally suited for Ultra-Low Power - Real Time Clocking solutions, requiring exceptionally low power consumption (Reference; ST Micro STM32L1, F2 & F4 µcontrollers).

FEATURES:
• 0.6mm max. height ideal for high density circuit boards
• Ceramic package offers excellent environmental & heat resistance
• Extended temperature -40°C to +85°C for industrial applications

APPLICATIONS:
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Wireless communications




Similar Part No. - STM32F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F4-DISCOVERY STMICROELECTRONICS-STM32F4-DISCOVERY Datasheet
137Kb / 3P
STM32F4 high-performance discovery board
15-Sep-2011
STM32F4-GAME STMICROELECTRONICS-STM32F4-GAME Datasheet
162Kb / 3P
IAR Systems® Experiment! kits for STM32 microcontrollers
November 2013 Rev 1
STM32F4-NETMF STMICROELECTRONICS-STM32F4-NETMF Datasheet
127Kb / 3P
Microsoft .NET Micro Framework environment for STM32F4 microcontrollers
24-Sep-2012
STM32F401 STMICROELECTRONICS-STM32F401 Datasheet
2Mb / 135P
Up to 12 communication interfaces
22-Jan-2015
STM32F401 STMICROELECTRONICS-STM32F401 Datasheet
1Mb / 6P
Flight controller unit evaluation board for toy drones
Rev 2 - January 2019
More results


Similar Description - STM32F4

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Abracon Corporation
ABLS-LR ABRACON-ABLS-LR Datasheet
2Mb / 2P
HC/49US (AT49) ULTRA LOW ESR SMD LOW PROFILE CRYSTAL
05.04.10
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
Chip Tantalum Capacitor Low ESR. SMD
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX_14 Datasheet
157Kb / 2P
Low Profile SMD Crystal
logo
Abracon Corporation
ABLS ABRACON-ABLS_15 Datasheet
1Mb / 2P
SMD LOW PROFILE CRYSTAL
04.07.11
ABLS-LR ABRACON-ABLS-LR_15 Datasheet
1Mb / 2P
SMD LOW PROFILE CRYSTAL
11.30.10
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A MICROCRYSTAL-CM7V-T1A Datasheet
114Kb / 2P
Tuning Fork Crystal 32.768 kHz Low ESR
logo
ECS, Inc.
CSM-7SS ECS-CSM-7SS Datasheet
610Kb / 1P
Low Profile SMD Crystal
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Abracon Corporation
ABSM8 ABRACON-ABSM8 Datasheet
111Kb / 1P
LOW FREQUENCY SMD CRYSTAL
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com