Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AG602-86 Datasheet (PDF) - List of Unclassifed Manufacturers

AG602-86 Datasheet PDF - List of Unclassifed Manufacturers
Part # AG602-86
Download  AG602-86 Download
File Size   188.41 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description InGaP HBT Gain Block

AG602-86 Datasheet (PDF)

Go To PDF Page Download Datasheet
AG602-86 Datasheet PDF - List of Unclassifed Manufacturers

Part # AG602-86
Download  AG602-86 Click to download

File Size   188.41 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description InGaP HBT Gain Block

AG602-86 Datasheet (HTML) - List of Unclassifed Manufacturers


AG602-86 Product details

[WJ Communication. Inc.]

Product Description
The AG602-86 is a general-purpose buffer amplifier that offers high dynamic range in a low-cost surface-mount package. At 900 MHz, the AG602-86 typically provides 14 dB of gain, +33.5 dBm Output IP3, and +19 dBm P1dB. The device combines dependable performance with consistent quality to maintain MTBF values exceeding 100 years at mounting temperatures of +85° C and is housed in a SOT-86 industry-standard SMT package.
The AG602-86 consists of Darlington pair amplifiers using the high reliability InGaP/GaAs HBT technology process technology and only requires DC-blocking capacitors, a bias resistor, and an inductive RF choke for operation.
The broadband MMIC amplifier can be directly applied to various current and next generation wireless technologies such as GPRS, GSM, CDMA, and W-CDMA. In addition, the AG602-86 will work for other various applications within the DC to 6 GHz frequency range such as CATV and fixed wireless.

Product Features
• DC – 6000 MHz
• +19 dBm P1dB at 900 MHz
• +33.5 dBm OIP3 at 900 MHz
• 14 dB Gain at 900 MHz
• Single Voltage Supply
• SOT-86 SMT Package
• Internally matched to 50 Ω

Applications
• Mobile Infrastructure
• CATV / DBS
• W-LAN / ISM
• RFID
• Defense / Homeland Security
• Fixed Wireless




Similar Part No. - AG602-86

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG602-89 ETC-AG602-89 Datasheet
240Kb / 6P
InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG602-89 WJCI-AG602-89 Datasheet
495Kb / 6P
InGaP HBT Gain Block
AG602-89 WJCI-AG602-89 Datasheet
289Kb / 5P
InGaP HBT Gain Block
AG602-89-RFID WJCI-AG602-89-RFID Datasheet
495Kb / 6P
InGaP HBT Gain Block
logo
List of Unclassifed Man...
AG602-89G ETC-AG602-89G Datasheet
240Kb / 6P
InGaP HBT Gain Block
More results


Similar Description - AG602-86

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
InGaP HBT Gain Block
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
InGaP HBT Gain Block
ECG004 WJCI-ECG004 Datasheet
125Kb / 4P
InGaP HBT Gain Block
AG402-89-RFID WJCI-AG402-89-RFID Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG503-86-RFID WJCI-AG503-86-RFID Datasheet
486Kb / 6P
InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
InGaP HBT Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com