Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO7407 Datasheet (PDF) - Alpha Industries

AO7407 Datasheet PDF - Alpha Industries
Part # AO7407
Download  AO7407 Download
File Size   263.67 Kbytes
Page   6 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description P-Channel Enhancement Mode Field Effect Transistor

AO7407 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO7407 Datasheet PDF - Alpha Industries

Part # AO7407
Download  AO7407 Click to download

File Size   263.67 Kbytes
Page   6 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description P-Channel Enhancement Mode Field Effect Transistor

AO7407 Datasheet (HTML) - Alpha Industries


AO7407 Product details

General Description
The AO7407 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.8V. This device is suitable for use as a load switch or in PWM applications.

Features
  VDS (V) = -20V
  ID = -1.2 A
  RDS(ON) < 135mΩ (VGS = -4.5V)
  RDS(ON) < 170mΩ (VGS = -2.5V)
  RDS(ON) < 220mΩ (VGS = -1.8V)




Similar Part No. - AO7407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO7407 AOSMD-AO7407 Datasheet
351Kb / 5P
20V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO7407 VBSEMI-AO7407 Datasheet
1,018Kb / 9P
P-Channel 20 V (D-S) MOSFET
More results


Similar Description - AO7407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com