Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO9926 Datasheet (PDF) - Alpha Industries

AO9926 Datasheet PDF - Alpha Industries
Part # AO9926
Download  AO9926 Download
File Size   234.8 Kbytes
Page   6 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AO9926 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO9926 Datasheet PDF - Alpha Industries

Part # AO9926
Download  AO9926 Click to download

File Size   234.8 Kbytes
Page   6 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AO9926 Datasheet (HTML) - Alpha Industries


AO9926 Product details

General Description
The AO9926 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. They offer operation over a wide gate drive range from 1.8V to 8V. The two devices may be used individually, in parallel or to form a bidirectional blocking switch.

Features
  VDS (V) = 20V
  ID = 5A
  RDS(ON) < 50mΩ (VGS = 4.5V)
  RDS(ON) < 65mΩ (VGS = 2.5V)
  RDS(ON) < 90mΩ (VGS = 1.8V)




Similar Part No. - AO9926

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AO9926 VBSEMI-AO9926 Datasheet
981Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO9926A AOSMD-AO9926A Datasheet
293Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AO9926A VBSEMI-AO9926A Datasheet
981Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO9926B AOSMD-AO9926B Datasheet
122Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
AO9926B AOSMD-AO9926B Datasheet
252Kb / 5P
20V Dual N-Channel MOSFET
More results


Similar Description - AO9926

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com