Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAR141 Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

NAR141 Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # NAR141
Download  NAR141 Download
File Size   257.67 Kbytes
Page   12 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Numeric Display/Case Size 12.5 x 19.0 mm

NAR141 Datasheet (PDF)

Go To PDF Page Download Datasheet
NAR141 Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # NAR141
Download  NAR141 Click to download

File Size   257.67 Kbytes
Page   12 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Numeric Display/Case Size 12.5 x 19.0 mm

NAR141 Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.




Similar Part No. - NAR141

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NAR141S-B STANLEY-NAR141S-B Datasheet
1Mb / 12P
Numeric Display/Case Size 9.6 x 13.0 mm
NAR141S-C STANLEY-NAR141S-C Datasheet
1Mb / 12P
Numeric Display/Case Size 9.6 x 13.0 mm
NAR141SH STANLEY-NAR141SH Datasheet
1Mb / 8P
Numeric Display/Case Size 9.6 x 13.0 mm
NAR141SH-F STANLEY-NAR141SH-F Datasheet
302Kb / 14P
10.16mm (0.4inches) size numeric display
More results


Similar Description - NAR141

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NARG161 STANLEY-NARG161 Datasheet
236Kb / 8P
Bi-Color Type/Case Size 12.5 x 19.0 mm
NAR143B STANLEY-NAR143B Datasheet
265Kb / 12P
Numeric Display/Case Size 12.5 x 19.0 mm
NKR131SB STANLEY-NKR131SB Datasheet
1Mb / 12P
Numeric Display/Case Size 7.0 x 11.0 mm
NAG105P STANLEY-NAG105P Datasheet
297Kb / 12P
Numeric Display/Case Size 22.8 x 33.0 mm
NARG161 STANLEY-NARG161_12 Datasheet
761Kb / 8P
Numeric Display/ Bi-Color Type/Case Size 12.5 x 19.0 mm
NARG141 STANLEY-NARG141 Datasheet
580Kb / 8P
Numeric Display/Bi-Color Type/Case Size 10.0 x 19.0 mm
NAR131SH STANLEY-NAR131SH Datasheet
585Kb / 8P
Numeric Display/Case Size 7.0 x 11.0 mm
NAG261P-B STANLEY-NAG261P-B Datasheet
1Mb / 12P
Numeric Display/Case Size 25.2 x 19.0 mm
NAG161P-B STANLEY-NAG161P-B Datasheet
1Mb / 12P
Numeric Display/Case Size 12.5 x 19.0 mm
NAG141SP-B STANLEY-NAG141SP-B Datasheet
1Mb / 12P
Numeric Display/Case Size 9.6 x 13.0 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com