Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASS4148 Datasheet (PDF) - Anachip Corp

ASS4148 Datasheet PDF - Anachip Corp
Part # ASS4148
Download  ASS4148 Download
File Size   133.98 Kbytes
Page   3 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Designed for mounting on small surface.

ASS4148 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASS4148 Datasheet PDF - Anachip Corp

Part # ASS4148
Download  ASS4148 Click to download

File Size   133.98 Kbytes
Page   3 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Designed for mounting on small surface.

ASS4148 Datasheet (HTML) - Anachip Corp


ASS4148 Product details

Features

    IO = 150mA
    VR = 75V

- Designed for mounting on small surface.
- High speed switching.
- High mounting capability, strong surge withstand, high reliability.
- Extremely thin package.
- Lead-free device




Similar Part No. - ASS4148

ManufacturerPart #DatasheetDescription
logo
StarHope
ASS-ASB SPSEMI-ASS-ASB Datasheet
183Kb / 4P
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
ASS-ASC SPSEMI-ASS-ASC Datasheet
167Kb / 4P
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 3 to Volts 10000 Watt Peak Pulse Power
ASS-PKA SPSEMI-ASS-PKA Datasheet
156Kb / 4P
Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
ASS-PKL SPSEMI-ASS-PKL Datasheet
113Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
ASS-PKR SPSEMI-ASS-PKR Datasheet
112Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 6000 Watt Peak Pulse Power
More results


Similar Description - ASS4148

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
ISRC0178 IDEA-ISRC0178 Datasheet
34Kb / 1P
miniature lens type designed for surface mounting
IVGC0178 IDEA-IVGC0178 Datasheet
39Kb / 2P
miniature lens type designed for surface mounting
JGC0428 IDEA-JGC0428 Datasheet
102Kb / 2P
miniature lens type designed for surface mounting
JRGBC0128 IDEA-JRGBC0128 Datasheet
80Kb / 2P
miniature chip type designed for surface mounting
JRGC0158 IDEA-JRGC0158 Datasheet
41Kb / 2P
miniature chip type designed for surface mounting
JYC0428 IDEA-JYC0428 Datasheet
44Kb / 2P
miniature lens type designed for surface mounting
JYOC0195 IDEA-JYOC0195 Datasheet
33Kb / 2P
miniature chip type designed for surface mounting
logo
Rohm
RLZ_SERIES ROHM-RLZ_SERIES Datasheet
820Kb / 4P
Designed for mounting on small surface areas(LLDS(LL-34))
logo
jb Capacitors Company
JCK JBCAPACITORS-JCK Datasheet
356Kb / 1P
Designed for surface mounting on high density circuit board
JCS JBCAPACITORS-JCS Datasheet
390Kb / 1P
Designed for surface mounting on high density circuit board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com