Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTY87S-Q2S1-35 Datasheet (PDF) - OSRAM GmbH

LTY87S-Q2S1-35 Datasheet PDF - OSRAM GmbH
Part # LTY87S-Q2S1-35
Download  LTY87S-Q2S1-35 Download
File Size   494.92 Kbytes
Page   20 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Coupling into Light Guides

LTY87S-Q2S1-35 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTY87S-Q2S1-35 Datasheet PDF - OSRAM GmbH

Part # LTY87S-Q2S1-35
Download  LTY87S-Q2S1-35 Click to download

File Size   494.92 Kbytes
Page   20 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Coupling into Light Guides

LTY87S-Q2S1-35 Datasheet (HTML) - OSRAM GmbH


LTY87S-Q2S1-35 Product details

Features:
• Package: white SMT package, colorless clear resin
• Technology: InGaN
• Viewing angle at 50 % IV: 120°
• Color: true green (528 nm)
• Optical efficiency (typ.): 6 lm/W (true green)

Applications
• Coupling into Light Guides
• Backlighting
• Signal and Symbol Luminary
• Dashboard Backlighting




Similar Part No. - LTY87S-Q2S1-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTY87S-Q2S1-35 OSRAM-LTY87S-Q2S1-35 Datasheet
590Kb / 21P
Micro SIDELED 3010
More results


Similar Description - LTY87S-Q2S1-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGP47K OSRAM-LGP47K_15 Datasheet
568Kb / 21P
Coupling into Light Guides
LGT770 OSRAM-LGT770 Datasheet
428Kb / 19P
Coupling into Light Guides
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
Coupling into Light Guides
LWY8SG OSRAM-LWY8SG_14 Datasheet
556Kb / 22P
Coupling into Light Guides
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
coupling into light guides
LYT679 OSRAM-LYT679 Datasheet
440Kb / 19P
Coupling into Light Guides
LYP47K OSRAM-LYP47K_13 Datasheet
519Kb / 20P
Coupling into light guides
LSP476 OSRAM-LSP476 Datasheet
599Kb / 21P
Coupling into Light Guides
LCBA6SG OSRAM-LCBA6SG Datasheet
492Kb / 23P
Coupling into light guides
LBA6SG OSRAM-LBA6SG_15 Datasheet
551Kb / 21P
Coupling into light guides
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com