Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156 Datasheet (PDF) - Motorola, Inc

DSP56156 Datasheet PDF - Motorola, Inc
Part # DSP56156
Download  DSP56156 Download
File Size   1020.27 Kbytes
Page   76 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16-bit Digital Signal Processor

DSP56156 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56156 Datasheet PDF - Motorola, Inc

Part # DSP56156
Download  DSP56156 Click to download

File Size   1020.27 Kbytes
Page   76 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16-bit Digital Signal Processor

DSP56156 Datasheet (HTML) - Motorola, Inc


DSP56156 Product details

The DSP56156 is a general-purpose MPU-style Digital Signal Processor (DSP). On a single semiconductor chip, the DSP56156 comprises a very efficient 16-bit digital signal processing core, program and data memories, a number of peripherals, and system support circuitry. Unique features of the DSP56156 include a built-in sigma-delta (²ý) codec and phase-locked loop (PLL). This combination of features makes the DSP56156 a cost-effective, high-performance solution for many DSP applications, especially speech coding, digital communications, and cellular base stations.

DSP56156 Features
Digital Signal Processing Core
• Efficient, object code compatible, 16-bit 56100-Family DSP engine
    — Up to 30 Million Instructions Per Second (MIPS) – 33 ns instruction cycle at 60 MHz
    — Up to 180 Million Operations Per Second (MOPS) at 60 MHz
    — Highly parallel instruction set with unique DSP addressing modes
    — Two 40-bit accumulators including extension byte
    — Parallel 16 × 16-bit multiply-accumulate in 1 instruction cycle (2 clock cycles)
    — Double precision 32 × 32-bit multiply with 72-bit result in 6 instruction cycles
    — Least Mean Square (LMS) adaptive loop filter in 2 instructions
    — 40-bit Addition/Subtraction in 1 instruction cycle
    — Fractional and integer arithmetic with support for multiprecision arithmetic
    — Hardware support for block-floating point FFT
    — Hardware-nested DO loops including infinite loops
    — Zero-overhead fast interrupts (2 instruction cycles)
    — Three 16-bit internal data buses and three 16-bit internal address buses for maximum information transfer on-chip

Memory
• On-chip Harvard architecture permitting simultaneous accesses to program and memories
• 2048 × 16-bit on-chip program RAM and 64 × 16-bit bootstrap ROM (or 12 k × 16-bit on-chip program ROM on the DSP56156ROM)
• 2048 × 16-bit on-chip data RAM
• External memory expansion with 16-bit address and data buses
• Bootstrap loading from external data bus, Host Interface, or Synchronous Serial Interface

Peripheral and Support Circuits
• Byte-wide Host Interface (HI) with Direct Memory Access support
• Two Synchronous Serial Interfaces (SSI) to communicate with codecs and synchronous serial devices
    — Built in µ-law and A-law compression/expansion
    — Up to 32 software-selectable time slots in network mode
• 16-bit Timer/Event Counter also generates and measures digital waveforms
• On-chip sigma-delta voice band Codec:
    — Sampling clock rates between 100 kHz and 3 MHz
    — Four software-programmable decimation/interpolation ratios
    — Internal voltage reference ( 2/5 of positive power supply)
    — No external components required

• On-chip peripheral registers memory mapped in data memory space
• Double buffered peripherals
• Up to 27 general purpose I/O pins
• Two external interrupt request pins
• On-Chip Emulation (OnCE™) port for unobtrusive, processor speed-independent debugging
• Software-programmable, Phase-Locked Loop-based (PLL) frequency synthesizer for the core clock

Miscellaneous Features
• Power-saving Wait and Stop modes
• Fully static, HCMOS design for operating frequencies from 40 or 60 MHz down to DC
• 112-pin Ceramic Quad Flat Pack (CQFP) surface-mount package; 20 × 20 × 3 mm
• 112-pin Plastic Thin Quad Flat Pack (TQFP) surface-mount package; 20 × 20 × 1.5 mm
• 5 V power supply




Similar Part No. - DSP56156

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56100 MOTOROLA-DSP56100 Datasheet
448Kb / 63P
16-bit General Purpose Digital Signal Processor
DSP56166 MOTOROLA-DSP56166 Datasheet
448Kb / 63P
16-bit General Purpose Digital Signal Processor
DSP56166ROM MOTOROLA-DSP56166ROM Datasheet
448Kb / 63P
16-bit General Purpose Digital Signal Processor
More results


Similar Description - DSP56156

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
DSP56F802 16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
16-BIT DSP DIGITAL SIGNAL PROCESSOR
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
DSP56824 16-Bit Digital Signal Processor
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
16-BIT DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
DSP56824 NXP-DSP56824 Datasheet
1Mb / 62P
DSP56824 16-Bit Digital Signal Processor
Rev. 2.0, 01/2000
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com