Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF016B Datasheet (PDF) - Microchip Technology

SST25VF016B Datasheet PDF - Microchip Technology
Part # SST25VF016B
Download  SST25VF016B Download
File Size   394.5 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16 Mbit SPI Serial Flash

SST25VF016B Datasheet (PDF)

Go To PDF Page Download Datasheet
SST25VF016B Datasheet PDF - Microchip Technology

Part # SST25VF016B
Download  SST25VF016B Click to download

File Size   394.5 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16 Mbit SPI Serial Flash

SST25VF016B Datasheet (HTML) - Microchip Technology


SST25VF016B Product details

Product Description

The 25 series Serial Flash family features a four-wire, SPI-compatible interface that allows for a low pin-count package which occupies less board space and ultimately lowers total system costs. The SST25VF016B devices are enhanced with improved operating frequency and even lower power consumption than the original SST25VFxxxA devices. SST25VF016B SPI serial flash memories are manufactured with proprietary, high-performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches.



Features

• Single Voltage Read and Write Operations

- 2.7-3.6V

• Serial Interface Architecture

- SPI Compatible: Mode 0 and Mode 3

• High Speed Clock Frequency

- Up to 50 MHz

• Superior Reliability

- Endurance: 100,000 Cycles (typical)

- Greater than 100 years Data Retention

• Low Power Consumption:

- Active Read Current: 10 mA (typical)

- Standby Current: 5 µA (typical)

• Flexible Erase Capability

- Uniform 4 KByte sectors

- Uniform 32 KByte overlay blocks

- Uniform 64 KByte overlay blocks

• Fast Erase and Byte-Program:

- Chip-Erase Time: 35 ms (typical)

- Sector-/Block-Erase Time: 18 ms (typical)

- Byte-Program Time: 7 µs (typical)

• Auto Address Increment (AAI) Programming

- Decrease total chip programming time over Byte-Program operations

• End-of-Write Detection

- Software polling the BUSY bit in Status Register

- Busy Status readout on SO pin in AAI Mode

• Hold Pin (HOLD#)

- Suspends a serial sequence to the memory without deselecting the device

• Write Protection (WP#)

- Enables/Disables the Lock-Down function of the status register

• Software Write Protection

- Write protection through Block-Protection bits in status register

• Temperature Range

- Commercial: 0°C to +70°C

- Industrial: -40°C to +85°C

• Packages Available

- 8-lead SOIC (200 mils)

- 8-contact WSON (6mm x 5mm)

• All devices are RoHS compliant




Similar Part No. - SST25VF016B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B Datasheet
351Kb / 28P
16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B Datasheet
694Kb / 28P
16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B Datasheet
3Mb / 31P
16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B Datasheet
315Kb / 32P
16 Mbit SPI Serial Flash
SST25VF016B-50-4C-QAF SST-SST25VF016B-50-4C-QAF Datasheet
351Kb / 28P
16 Mbit SPI Serial Flash
More results


Similar Description - SST25VF016B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
1 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B Datasheet
351Kb / 28P
16 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
8 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B_10 Datasheet
694Kb / 28P
16 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B_11 Datasheet
3Mb / 31P
16 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
16 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
16 Mbit SPI Serial Flash
08/11
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
32 Mbit SPI Serial Flash
04/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com