Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM381P Datasheet (PDF) - ELM Electronics

ELM381P Datasheet PDF - ELM Electronics
Part # ELM381P
Download  ELM381P Download
File Size   34.91 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Digitally selectable delays

ELM381P Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM381P Datasheet PDF - ELM Electronics

Part # ELM381P
Download  ELM381P Click to download

File Size   34.91 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Digitally selectable delays

ELM381P Datasheet (HTML) - ELM Electronics


ELM381P Product details

Description

The ELM381 is a digitally configurable, multi stage counter circuit in a single 8 pin package. When

connected to a 60Hz source, four time periods from one hour to one week are possible, as shown in Table 1 below.



Features

• Low power CMOS design - typically 1mA at 5V

• Wide supply range – 3.0 to 5.5 volt operation

• Digitally selectable delays

• Schmitt trigger circuitry on the clock input

• Completely static operation

• Long term accuracy with line frequency clock

• High current drive outputs – up to 25 mA

• Reset input provided with a pullup resistor




Similar Part No. - ELM381P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM381 ELM-ELM381 Datasheet
30Kb / 4P
60 Hz Long Interval Counter
More results


Similar Description - ELM381P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC1982 NSC-LMC1982 Datasheet
348Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
logo
Intersil Corporation
HA-2406 INTERSIL-HA-2406 Datasheet
103Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
April 1999
HA-2406 INTERSIL-HA-2406_02 Datasheet
336Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
logo
Texas Instruments
CD74AC04M96G4 TI-CD74AC04M96G4 Datasheet
878Kb / 14P
Balanced Propagation Delays
logo
AVAGO TECHNOLOGIES LIMI...
ACNV4506 AVAGO-ACNV4506 Datasheet
1Mb / 14P
Short Maximum Propagation Delays
ACPL-M46U-000E AVAGO-ACPL-M46U-000E Datasheet
274Kb / 13P
Fast maximum propagation delays
ACPL-M483 AVAGO-ACPL-M483 Datasheet
219Kb / 12P
Short Maximum Propagation Delays
ACPL-M484 AVAGO-ACPL-M484 Datasheet
499Kb / 12P
Short Maximum Propagation Delays
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com