Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8051MNL Datasheet (PDF) - Microchip Technology

KSZ8051MNL Datasheet PDF - Microchip Technology
Part # KSZ8051MNL
Download  KSZ8051MNL Download
File Size   645.89 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10BASE-T/100BASE-TX Automotive Physical Layer Transceiver

KSZ8051MNL Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ8051MNL Datasheet PDF - Microchip Technology

Part # KSZ8051MNL
Download  KSZ8051MNL Click to download

File Size   645.89 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10BASE-T/100BASE-TX Automotive Physical Layer Transceiver

KSZ8051MNL Datasheet (HTML) - Microchip Technology


KSZ8051MNL Product details

General Description
The KSZ8051 is an AEC-Q100 standard qualified single-supply 10BASE-T/100BASE-TX Ethernet physical-layer transceiver.
The KSZ8051 is a highly integrated PHY solution. It reduces board cost and simplifies board layout by using on-chip termination resistors for the differential pairs and by integrating a low-noise regulator to supply the 1.2V core.
The KSZ8051MNL offers the Media Independent Interface (MII) and the KSZ8051RNL offers the Reduced Media Independent Interface (RMII) for direct connection with MII-/RMII-compliant Ethernet MAC processors and switches.

Features
• Single-Chip 10BASE-T/100BASE-TX IEEE 802.3 Compliant Ethernet Transceiver
• AEC-Q100 Qualified for Automotive Applications
• MII Interface Support (KSZ8051MNL)
• RMII v1.2 Interface Support with a 50 MHz Reference Clock Output to MAC, and an Option to Input a 50 MHz Reference Clock (KSZ8051RNL)
• Back-to-Back Mode Support for a 100 Mbps Copper Repeater
• MDC/MDIO Management Interface for PHY Register Configuration
• Programmable Interrupt Output
• LED Outputs for Link, Activity, and Speed Status Indication
• On-Chip Termination Resistors for the Differential Pairs
• Baseline Wander Correction
• HP Auto MDI/MDI-X to Reliably Detect and Correct Straight-Through and Crossover Cable Connections with Disable and Enable Option
• Auto-Negotiation to Automatically Select the Highest Link-Up Speed (10/100 Mbps) and Duplex (Half/Full)
• Power-Down and Power-Saving Modes
• LinkMD® TDR-Based Cable Diagnostics to Identify Faulty Copper Cabling
• Parametric NAND Tree Support for Fault Detection Between Chip I/Os and the Board
• Loopback Modes for Diagnostics
• Single 3.3V Power Supply with VDD I/O Options for 1.8V, 2.5V, or 3.3V
• Built-In 1.2V Regulator for Core
• Available in 32-pin 5 mm x 5 mm QFN Package

Target Applications
• Automotive In-Vehicle Networking




Similar Part No. - KSZ8051MNL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLI MICREL-KSZ8051MNLI Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLU MICREL-KSZ8051MNLU Datasheet
1Mb / 65P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
10Base-T/100Base-TX Physical Layer Transceiver
More results


Similar Description - KSZ8051MNL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051RNL-TR MICREL-KSZ8051RNL-TR Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8091RNA MICREL-KSZ8091RNA Datasheet
1Mb / 67P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLU MICREL-KSZ8051MNLU Datasheet
1Mb / 65P
10Base-T/100Base-TX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
KSZ8081MNX MICROCHIP-KSZ8081MNX Datasheet
1Mb / 66P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
KSZ8061RNB MICROCHIP-KSZ8061RNB Datasheet
585Kb / 57P
10BASE-T/100BASE-TX Physical Layer Transceiver
07/14/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com