Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMA0204 Datasheet (PDF) - Vishay Siliconix

CMA0204 Datasheet PDF - Vishay Siliconix
Part # CMA0204
Download  CMA0204 Download
File Size   106.29 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Pulse Load MELF Resistor

CMA0204 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMA0204 Datasheet PDF - Vishay Siliconix

Part # CMA0204
Download  CMA0204 Click to download

File Size   106.29 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Pulse Load MELF Resistor

CMA0204 Datasheet (HTML) - Vishay Siliconix


CMA0204 Product details

High Pulse Load MELF Resistor

CMA 0204 speciality MELF resistors with advanced pulse load capability are the perfect choice for the protection of circuitry with signal or mains input lines from surge pulses. The resistors are also suitable for circuits exposed to high levels of electromagnetic interference or electrostatic discharge. The applications are in all fields of automotive, telecommunication, industrial and medical equipment.

FEATURES
• Special carbon film technology
• Up to 4 kV single pulse capability
• Up to 70 W continuous pulse load
• Green product, supports lead-free soldering.

APPLICATIONS
• Automotive
• Telecommunication
• Industrial
• Medical equipment




Similar Part No. - CMA0204

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204 Datasheet
171Kb / 11P
High Pulse Load Carbon Film MINI-MELF Resistors CMA 0204 carbon film MELF resistors with advanced pulse
27-Mar-17
CMA02040X4701GB000 VISHAY-CMA02040X4701GB000 Datasheet
140Kb / 10P
High Pulse Load MELF Resistor
18-Jul-06
CMA02040X4701GB300 VISHAY-CMA02040X4701GB300 Datasheet
140Kb / 10P
High Pulse Load MELF Resistor
18-Jul-06
CMA02040X4701GB300 VISHAY-CMA02040X4701GB300 Datasheet
171Kb / 11P
High Pulse Load Carbon Film MINI-MELF Resistors CMA 0204 carbon film MELF resistors with advanced pulse
27-Mar-17
CMA02040X5609GB000 VISHAY-CMA02040X5609GB000 Datasheet
140Kb / 10P
High Pulse Load MELF Resistor
18-Jul-06
More results


Similar Description - CMA0204

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMB0207 VISHAY-CMB0207 Datasheet
140Kb / 7P
High Pulse Load MELF Resistor
31-Oct-06
logo
KOA Speer Electronics, ...
CPCN2N KOA-CPCN2N Datasheet
88Kb / 2P
fixed ceramic melf resistor
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
High Pulse Load MELF Resistors
01-Mar-10
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
Pulse Load Carbon Film MELF Resistors for High Frequency Applications
01-Dec-09
CMB02070X2700GB200 VISHAY-CMB02070X2700GB200 Datasheet
145Kb / 7P
High Pulse Load, High Voltage (up to 0.5 kV) Carbon Film MELF Resistors
16-May-13
CMB02070X1002GB200 VISHAY-CMB02070X1002GB200 Datasheet
114Kb / 6P
High Pulse Load MELF Resistor
31-Oct-06
CMA02040X5609GB300 VISHAY-CMA02040X5609GB300 Datasheet
140Kb / 10P
High Pulse Load MELF Resistor
18-Jul-06
logo
UNIOHM CORPORATION
MM-16 UNIOHM-MM-16 Datasheet
895Kb / 3P
Metal Film MELF Resistor
logo
Token Electronics Indus...
RGM TOKEN-RGM Datasheet
425Kb / 5P
Anti-Surge Pulse Load Melf Resistors
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
High Pulse Load Carbon Film MINI-MELF Resistors CMA 0204 carbon film MELF resistors with advanced pulse
27-Mar-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com