Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH1516-2 Datasheet (PDF) - American Microsemiconductor

PH1516-2 Datasheet PDF - American Microsemiconductor
Part # PH1516-2
Download  PH1516-2 Download
File Size   903.75 Kbytes
Page   4 Pages
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor
Description Wireless Bipolar Power Transistor, 2W

PH1516-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH1516-2 Datasheet PDF - American Microsemiconductor

Part # PH1516-2
Download  PH1516-2 Click to download

File Size   903.75 Kbytes
Page   4 Pages
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor
Description Wireless Bipolar Power Transistor, 2W

PH1516-2 Datasheet (HTML) - American Microsemiconductor




Similar Part No. - PH1516-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1516-10 MACOM-PH1516-10 Datasheet
264Kb / 4P
Wireless Bipolar Power Transistor, 10W 1.45 - 1.60 GHz
logo
M/A-COM Technology Solu...
PH1516-10 MA-COM-PH1516-10 Datasheet
195Kb / 4P
Wireless Bipolar Power Transistor
logo
Tyco Electronics
PH1516-100 MACOM-PH1516-100 Datasheet
151Kb / 2P
Wireless Bipolar Power Transistor, 100W 1450 - 1550 MHz
PH1516-60 MACOM-PH1516-60 Datasheet
194Kb / 3P
Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz
logo
M/A-COM Technology Solu...
PH1516-60 MA-COM-PH1516-60 Datasheet
190Kb / 3P
Wireless Bipolar Power Transistor 60W, 1450-1550 GHz
More results


Similar Description - PH1516-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1617-2 MACOM-PH1617-2 Datasheet
283Kb / 4P
Wireless Bipolar Power Transistor, 2W 1.6 - 1.7 GHz
PH1819-2 MACOM-PH1819-2 Datasheet
268Kb / 4P
Wireless Bipolar Power Transistor, 2W 1.78 - 1.90 GHz
logo
M/A-COM Technology Solu...
PH1516-10 MA-COM-PH1516-10 Datasheet
195Kb / 4P
Wireless Bipolar Power Transistor
PH1617-30 MA-COM-PH1617-30 Datasheet
196Kb / 3P
Wireless Bipolar Power Transistor
PH1819-2 MA-COM-PH1819-2 Datasheet
196Kb / 4P
Wireless Bipolar Power Transistor
PH1819-4N MA-COM-PH1819-4N Datasheet
192Kb / 3P
Wireless Bipolar Power Transistor
PH1617-2 MA-COM-PH1617-2 Datasheet
199Kb / 4P
Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
logo
Tyco Electronics
PH1617-2 MACOM-PH1617-2 Datasheet
199Kb / 4P
Wireless Bipolar Power Transistor 2W, 16 -1.7 GHz
logo
M/A-COM Technology Solu...
PH0814-40 MA-COM-PH0814-40_15 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com