Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK10E131PJ Datasheet (PDF) - Semtech Corporation

SK10E131PJ Datasheet PDF - Semtech Corporation
Part # SK10E131PJ
Download  SK10E131PJ Download
File Size   113.97 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 4-bit D Flip-Flop

SK10E131PJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SK10E131PJ Datasheet PDF - Semtech Corporation

Part # SK10E131PJ
Download  SK10E131PJ Click to download

File Size   113.97 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 4-bit D Flip-Flop

SK10E131PJ Datasheet (HTML) - Semtech Corporation


SK10E131PJ Product details

Description
The SK10/100E131 is a Quad master-slave D-type flip-flop with differential outputs. Each flip-flop may be clocked separately by holding Common Clock (CC) LOW and using the Clock Enable (CE*) inputs for clocking. Common clocking is achieved by holding the CE inputs LOW and using CC to clock all four flipflops. In this case, the CE* inputs perform the function of controlling the common clock to each flip-flop.
   
Features
• 1100 MHz Minimum Toggle Frequency
• Differential Outputs
• Individual and Common Clocks
• Individual Resets (asynchronous)
• Paired Sets (asynchronous)
• Extended 100E VEE Range of –4.2V to –5.5V
• Internal 75KΩ Input Pulldown Resistors
• Fully Compatible with MC10/100E131
• Specified Over Industrial Temperature Range:
    –40°C to +85o°C
• ESD Protection of >4000V
• Available in 28-pin PLCC Package
   




Similar Part No. - SK10E131PJ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
Quint Differential Line Receiver
SK10E151PJ SEMTECH-SK10E151PJ Datasheet
116Kb / 5P
6-bit D register
More results


Similar Description - SK10E131PJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
9-Bit D Flip-Flop
54ACT825 NSC-54ACT825 Datasheet
158Kb / 8P
8-Bit D Flip-Flop
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131 Datasheet
104Kb / 4P
4-BIT D FLIP-FLOP
1996 REV 3
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
8-Bit D-Type Flip-Flop
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131 Datasheet
74Kb / 4P
4-BIT D FLIP-FLOP
logo
National Semiconductor ...
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
9-Bit D Flip-Flop
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131_06 Datasheet
129Kb / 8P
5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131_06 Datasheet
64Kb / 5P
4-BIT D FLIP-FLOP
logo
Arizona Microtek, Inc
AZ10E131 AZM-AZ10E131 Datasheet
76Kb / 6P
ECL/PECL 4-bit D Flip-Flop
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com