Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK10EL07U Datasheet (PDF) - Semtech Corporation

SK10EL07U Datasheet PDF - Semtech Corporation
Part # SK10EL07U
Download  SK10EL07U Download
File Size   110.37 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 2-Input XOR/XNOR

SK10EL07U Datasheet (PDF)

Go To PDF Page Download Datasheet
SK10EL07U Datasheet PDF - Semtech Corporation

Part # SK10EL07U
Download  SK10EL07U Click to download

File Size   110.37 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 2-Input XOR/XNOR

SK10EL07U Datasheet (HTML) - Semtech Corporation


SK10EL07U Product details

Description
The SK10/100EL07 is a 2-Input XOR / XNOR gate. This device is fully compatible with MC10/100EL07. With propagation delay and output transition time significantly faster than the E107, the EL07 is ideally suited for those applications which require the ultimate in AC performance.

Features
• Extended Supply Voltage Range: (VEE = -5.5V to - 4.2V, VCC = 0V) or (VCC = +4.2V to + 5.5V)
• High Bandwidth Output Transition
• 260ps Propagation Delay
• 75KΩ Internal Input Pulldown Resistors
• Fully Compatible with MC10/100EL07
• ESD Protection >4000V
• Industrial Temperature Range: –40°C to 85°C
• Available in 8-Pin SOIC (150 mils) Package




Similar Part No. - SK10EL07U

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL01WD SEMTECH-SK10EL01WD Datasheet
108Kb / 4P
4-input OR / NOR
More results


Similar Description - SK10EL07U

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
2-Input XOR/XNOR
1996 REV 2
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107 Datasheet
70Kb / 4P
QUINT 2-INPUT XOR/XNOR GATE
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
2-INPUT XOR/XNOR
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
ECL/PECL 2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
QUINT 2-INPUT XOR/XNOR GATE
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
2-INPUT XOR/XNOR
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com