Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK10EL12WD Datasheet (PDF) - Semtech Corporation

SK10EL12WD Datasheet PDF - Semtech Corporation
Part # SK10EL12WD
Download  SK10EL12WD Download
File Size   119.09 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Impedance Driver

SK10EL12WD Datasheet (PDF)

Go To PDF Page Download Datasheet
SK10EL12WD Datasheet PDF - Semtech Corporation

Part # SK10EL12WD
Download  SK10EL12WD Click to download

File Size   119.09 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Impedance Driver

SK10EL12WD Datasheet (HTML) - Semtech Corporation


SK10EL12WD Product details

Description
The SK10/100EL12W is a low impedance driver buffer.
With two pairs of OR/NOR outputs, the device is ideally suited for high drive applications such as memory addressing. The SK10/100EL12W is fully compatible with MC10/100EL12 and MC10/100LVEL12. With significantly fast propagation delay and output transition time, the EL12W is ideally suited for those applications which require the ultimate in AC performance.
   
Features
• Extended Supply Voltage Range: (VEE = –5.5V to
    –3.0V, VCC = 0V) or (VCC = + 3.0V to +5.5V,
    VEE=0V)
• High Bandwidth Output Transition
• 445 ps Propagation Delay
• 75KΩ Internal Input Pulldown Resistors
• Fully Compatible with MC10/100EL12
    and MC10/100LVEL12
• ESD Protection of >4000V
• Industrial Temperature Range: –40°C to 85°C
• Available in 8-Pin SOIC (150 mils) Package
   




Similar Part No. - SK10EL12WD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
1:2 Differential Fanout Buffer
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
1:5 Clock DISTRIBUTION CHIP
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
1:4 Clock Distribution
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
Differential Receiver with Variable Output Swing
SK10EL16VDT SEMTECH-SK10EL16VDT Datasheet
146Kb / 9P
Differential Receiver with Variable Output Swing
More results


Similar Description - SK10EL12WD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12 Datasheet
52Kb / 2P
Low Impedance Driver
1997 REV 0
MC10EL12 ONSEMI-MC10EL12 Datasheet
73Kb / 2P
Low Impedance Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12 Datasheet
47Kb / 4P
LOW-IMPEDANCE DRIVER
logo
ON Semiconductor
MC10EL12 ONSEMI-MC10EL12_06 Datasheet
143Kb / 8P
5.0 V ECL Low Impedance Driver
December, 2006 ??Rev. 6
MC100LVEL12 ONSEMI-MC100LVEL12_06 Datasheet
135Kb / 7P
3.3V ECL Low Impedance Driver
December, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12_06 Datasheet
49Kb / 4P
LOW-IMPEDANCE DRIVER
logo
United Chemi-Con, Inc.
EKY-6R3ELL472MK30S CHEMI-CON-EKY-6R3ELL472MK30S Datasheet
83Kb / 3P
Low impedance, 105?
EKZE350ELL221MJC5S CHEMI-CON-EKZE350ELL221MJC5S Datasheet
70Kb / 3P
Low impedance, 105C
logo
Bruckewell Technology L...
MS34P07 BWTECH-MS34P07 Datasheet
570Kb / 5P
Low thermal impedance
logo
Microdiode Semiconducto...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
Low zener impedance
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com