Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX101 Datasheet (PDF) - Vectron International, Inc

FX101 Datasheet PDF - Vectron International, Inc
Part # FX101
Download  FX101 Download
File Size   601.35 Kbytes
Page   12 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Frequency Translator

FX101 Datasheet (PDF)

Go To PDF Page Download Datasheet
FX101 Datasheet PDF - Vectron International, Inc

Part # FX101
Download  FX101 Click to download

File Size   601.35 Kbytes
Page   12 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Frequency Translator

FX101 Datasheet (HTML) - Vectron International, Inc


FX101 Product details

Features
• Output frequencies up to 77.760 MHz
• Jitter Generation OC-192 compliant
• Jitter transfer per GR-253-CORE
• Single 5.0 or 3.3 Vdc suppl y
• Locked to specified Input frequency, e.g. 8 kHz
• 1" X 0.8" X 0.2", Surface Mount (FR4base)
• Optional CMOS or PECL Output

Applications
• SONET / SDH / ATM
• DWDM / FDM
• DSL-PON Interconnects
• FEC (Forward Error Correction)




Similar Part No. - FX101

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX101L CMLMICRO-FX101L Datasheet
816Kb / 6P
multi-purpose frequency sensitive switch
More results


Similar Description - FX101

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
Frequency Translator
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
Frequency Translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
Frequency translator
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
Frequency Translator
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
Frequency Translator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com