Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G952 Datasheet (PDF) - Global Mixed-mode Technology Inc

G952 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G952
Download  G952 Download
File Size   142.47 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1.8V 1A Regulator

G952 Datasheet (PDF)

Go To PDF Page Download Datasheet
G952 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G952
Download  G952 Click to download

File Size   142.47 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1.8V 1A Regulator

G952 Datasheet (HTML) - Global Mixed-mode Technology Inc


G952 Product details

General Description
The G952 positive 1.8V voltage regulator features the ability to source 1A of output current. The typical quiescent current is 0.48mA.
Familiar regulator features such as over temperature and over current protection circuits are provided to prevent it from being damaged by abnormal operating conditions.

Features
■ Output current in excess of 1A
■ Output voltage accuracy +2.5%/-2%
■ Quiescent current, typically 480µA
■ Internal short circuit current limit
■ Internal over temperature protection

Applications
■ PC motherboard
■ ADSL/Cable Modem
■ Set-Top-Box
■ LAN switch/Hub
■ Broad band access




Similar Part No. - G952

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
428Kb / 11P
1.8V 1A Regulator
G952T23U GMT-G952T23U Datasheet
428Kb / 11P
1.8V 1A Regulator
G952T23UF GMT-G952T23UF Datasheet
428Kb / 11P
1.8V 1A Regulator
G952T24U GMT-G952T24U Datasheet
428Kb / 11P
1.8V 1A Regulator
G952T24UF GMT-G952T24UF Datasheet
428Kb / 11P
1.8V 1A Regulator
More results


Similar Description - G952

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
Allegro MicroSystems
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
Global Mixed-mode Techn...
G957 GMT-G957 Datasheet
307Kb / 8P
1.5V 1A Regulator
G952 GMT-G952_07 Datasheet
428Kb / 11P
1.8V 1A Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
1.8V 1A Positive Voltage Regulator
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
Global Mixed-mode Techn...
G952 GMT-G952_15 Datasheet
68Kb / 1P
1.8V 1A Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com