Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF64-2P-4.5C Datasheet (PDF) - Hirose Electric

DF64-2P-4.5C Datasheet PDF - Hirose Electric
Part # DF64-2P-4.5C
Download  DF64-2P-4.5C Download
File Size   871.9 Kbytes
Page   6 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 4.5 mm pitch, Horizontal Mating 2-Piece System Connectors

DF64-2P-4.5C Datasheet (PDF)

Go To PDF Page Download Datasheet
DF64-2P-4.5C Datasheet PDF - Hirose Electric

Part # DF64-2P-4.5C
Download  DF64-2P-4.5C Click to download

File Size   871.9 Kbytes
Page   6 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 4.5 mm pitch, Horizontal Mating 2-Piece System Connectors

DF64-2P-4.5C Datasheet (HTML) - Hirose Electric




Similar Part No. - DF64-2P-4.5C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-10P-3.96C HIROSE-DF6-10P-3.96C Datasheet
139Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-10P-3.96C HIROSE-DF6-10P-3.96C Datasheet
127Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-1822PC HIROSE-DF6-1822PC Datasheet
139Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
DF6-1822PC(05) HIROSE-DF6-1822PC(05) Datasheet
127Kb / 4P
3.96mm Pitch Connector Directly Mounted on Board
More results


Similar Description - DF64-2P-4.5C

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FRC3-A016-10S DDK-FRC3-A016-10S Datasheet
346Kb / 4P
High Current Version for 2-Piece Connectors
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
logo
Tyco Electronics
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
Quick Reference Guide 2-Piece Power Connectors
5223957-1 MACOM-5223957-1 Datasheet
1Mb / 6P
2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
2-Piece Power Connectors
350792-1 MACOM-350792-1 Datasheet
1Mb / 6P
2-Piece Power Connectors
logo
Hirose Electric
DF49 HIROSE-DF49 Datasheet
1Mb / 11P
0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
logo
Kingbright Corporation
APD2520F3C03-P22 KINGBRIGHT-APD2520F3C03-P22 Datasheet
462Kb / 1P
4.5 x 2 mm Infrared Emitting Diode
Rev No: V.1A
APD2520SF4C03-P22 KINGBRIGHT-APD2520SF4C03-P22 Datasheet
462Kb / 4P
4.5 x 2 mm Infrared Emitting Diode
Rev No: V.1B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com