Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF62-2428SCF Datasheet (PDF) - Hirose Electric

DF62-2428SCF Datasheet PDF - Hirose Electric
Part # DF62-2428SCF
Download  DF62-2428SCF Download
File Size   809.65 Kbytes
Page   12 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces

DF62-2428SCF Datasheet (PDF)

Go To PDF Page Download Datasheet
DF62-2428SCF Datasheet PDF - Hirose Electric

Part # DF62-2428SCF
Download  DF62-2428SCF Click to download

File Size   809.65 Kbytes
Page   12 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces

DF62-2428SCF Datasheet (HTML) - Hirose Electric


DF62-2428SCF Product details

■ Features
1. The slim, sleek design and smooth contour combine to complete connections in tight spaces.
   These connectors were designed to take full advantage of small/narrow spaces. The contacts are arranged in a grid pattern which shortens the diagonal distances and the body was slimmed down by creating smooth outer surfaces. This design helps to save precious space and makes these connectors virtually tangle free. There is no visible or exposed metal which would eliminate the possibility of electrical arcing between the connector and the inside of a metal conduit. (Please refer to Fig. 1 and 2)
2. Secure lock mechanism
   The locking structure emits a clear tactile click upon lock completion. After completion, a second indicator can be utilized. The socket lock can be visually checked through the plug window after mating. These indicators function together to prevent incomplete mating. (Please refer to Fig. 3)
3. Reliable contact structure
   The structure utilizes two contact points to provide a reliable contact that resists damage from vibration and rough operation.
4. Robust contact structure
The unique structure provides protection to the contacts and lance areas, it prevents any bending or deformity that might occur during mating, the assembly procedure or while in transportation. (Please refer to Fig. 4)
5. Multiple variations available
   There are several different wire counts available, giving the designer the variety needed to complete the application. *Waterproof type is currently under development, for any inquiries on this series please contact your local Hirose Sales Representative.
6. Applicator sharing
   The applicators for the DF11 and DF59 series (existing products) can be adapted to accommodate the DF62 series applicators. *Some modifications are required. Please contact Hirose for additional details.




Similar Part No. - DF62-2428SCF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DF62 PHILIPS-DF62 Datasheet
253Kb / 8P
FULLY SHIELDED SHARP CUT-OFF R.F. PENTODE
1.1.1960
logo
ITT Industries
DF62J11G215DQA ITT-DF62J11G215DQA Datasheet
273Kb / 4P
Power Rocker Switches
DF62J11G215DQF ITT-DF62J11G215DQF Datasheet
273Kb / 4P
Power Rocker Switches
DF62J11G215HQA ITT-DF62J11G215HQA Datasheet
273Kb / 4P
Power Rocker Switches
DF62J11G215HQF ITT-DF62J11G215HQF Datasheet
273Kb / 4P
Power Rocker Switches
More results


Similar Description - DF62-2428SCF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
2.0mm pitch/Crimp style wire-to-wire connectors
logo
Molex Electronics Ltd.
51021-0200 MOLEX11-51021-0200 Datasheet
39Kb / 2P
1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 2
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
2.0mm pitch/Crimp style wire-to-wire connectors
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Adam Technologies, Inc.
DME-F-02 ADAM-TECH-DME-F-02 Datasheet
64Kb / 1P
WIRE TO WIRE FEMALE 2 POLES
DME-M-02 ADAM-TECH-DME-M-02 Datasheet
64Kb / 1P
WIRE TO WIRE MALE 2 POLES
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
JWPF JST-JWPF Datasheet
83Kb / 2P
2.0mm pitch/Crimp style wire-to-wire connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com