Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSCR-MGD Datasheet (PDF) - Abracon Corporation

AWSCR-MGD Datasheet PDF - Abracon Corporation
Part # AWSCR-MGD
Download  AWSCR-MGD Download
File Size   1228.43 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR

AWSCR-MGD Datasheet (PDF)

Go To PDF Page Download Datasheet
AWSCR-MGD Datasheet PDF - Abracon Corporation

Part # AWSCR-MGD
Download  AWSCR-MGD Click to download

File Size   1228.43 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR

AWSCR-MGD Datasheet (HTML) - Abracon Corporation




Similar Part No. - AWSCR-MGD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-MG ABRACON-AWSCR-MG Datasheet
223Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
More results


Similar Description - AWSCR-MGD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSZT-MGD ABRACON-AWSZT-MGD Datasheet
658Kb / 2P
7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
09.23.08
AWSZT-6.00MGD-T ABRACON-AWSZT-6.00MGD-T Datasheet
1,009Kb / 3P
7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
07.29.11-F
AWSCR-3.58MGD-T4 ABRACON-AWSCR-3.58MGD-T4 Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR
12.16.2016
AWSCR-4.00MGD-T ABRACON-AWSCR-4.00MGD-T Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR
12.16.2016
AWSCR-6.00MGD-T ABRACON-AWSCR-6.00MGD-T Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR
12.16.2016
AWSCR-8.00MGD-T ABRACON-AWSCR-8.00MGD-T Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR
12.16.2016
AWSZT-3.58MGD-T ABRACON-AWSZT-3.58MGD-T Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
12.16.2016
AWSZT-24.00CW-T ABRACON-AWSZT-24.00CW-T Datasheet
1Mb / 3P
2.5 x 2.0m m IN DUS TRIAL GRADE CE RAMIC RESONATOR
08.12.14
AWSZT-25.00CW-T ABRACON-AWSZT-25.00CW-T Datasheet
1Mb / 3P
2.5 x 2.0m m IN DUS TRIAL GRADE CE RAMIC RESONATOR
08.12.14
logo
Transko Electronics, In...
6ZTTCC_ZTACC TRANSKO-6ZTTCC_ZTACC Datasheet
335Kb / 2P
CERAMIC RESONATORS (7.4 X 3.4 X 1.8mm)
Rev. 3: 03-11-19
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com