Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2650 Datasheet (PDF) - Sanyo Semicon Device

2SD2650 Datasheet PDF - Sanyo Semicon Device
Part # 2SD2650
Download  2SD2650 Download
File Size   29.71 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Color TV Horizontal Deflection Output Applications

2SD2650 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2650 Datasheet PDF - Sanyo Semicon Device

Part # 2SD2650
Download  2SD2650 Click to download

File Size   29.71 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Color TV Horizontal Deflection Output Applications

2SD2650 Datasheet (HTML) - Sanyo Semicon Device


2SD2650 Product details

NPN Triple Diffused Planar Silicon Transistor



Features

• High speed.

• High breakdown voltage(VCBO=1500V).

• High reliability(Adoption of HVP process).

• Adoption of MBIT process.



 




Similar Part No. - 2SD2650

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD2651 HITACHI-2SD2651 Datasheet
41Kb / 6P
Silicon NPN Epitaxial High Voltage Amplifier
logo
Renesas Technology Corp
2SD2651 RENESAS-2SD2651 Datasheet
166Kb / 6P
Silicon NPN Epitaxial High Voltage Amplifier
2SD2651TZ-E RENESAS-2SD2651TZ-E Datasheet
166Kb / 6P
Silicon NPN Epitaxial High Voltage Amplifier
logo
Rohm
2SD2652 ROHM-2SD2652 Datasheet
75Kb / 3P
General purpose amplification (12V, 1.5A)
2SD2653 ROHM-2SD2653 Datasheet
89Kb / 3P
Low frequency amplifier
More results


Similar Description - 2SD2650

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1876 SANYO-2SD1876 Datasheet
82Kb / 3P
Color TV Horizontal Deflection Output Applications
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1883 SANYO-2SD1883 Datasheet
83Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
Color TV Horizontal Deflection Output Applications???
2SD2580 SANYO-2SD2580 Datasheet
43Kb / 4P
Color TV Horizontal Deflection Output Applications
2SD2634 SANYO-2SD2634 Datasheet
30Kb / 4P
Color TV Horizontal Deflection Output Applications
2SD2689LS SANYO-2SD2689LS Datasheet
35Kb / 4P
Color TV Horizontal Deflection Output Applications
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
Color TV Horizontal Deflection Output Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com