Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

303CNQ080 Datasheet (PDF) - International Rectifier

303CNQ080 Datasheet PDF - International Rectifier
Part # 303CNQ080
Download  303CNQ080 Download
File Size   27.98 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECTIFIER 300 Amp

303CNQ080 Datasheet (PDF)

Go To PDF Page Download Datasheet
303CNQ080 Datasheet PDF - International Rectifier

Part # 303CNQ080
Download  303CNQ080 Click to download

File Size   27.98 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECTIFIER 300 Amp

303CNQ080 Datasheet (HTML) - International Rectifier


303CNQ080 Product details

Description/Features

The 303CNQ center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 °C junction temperature. Typical applications are in high current switching power supplies, plating power supplies, UPS systems, converters, free-wheeling diodes, welding, and reverse battery protection.



• 175 °C TJ operation

• Center tap module

• High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance

• Low forward voltage drop

• High frequency operation

• Guard ring for enhanced ruggedness and long term reliability



 




Similar Part No. - 303CNQ080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
303CNQ080 MICROSEMI-303CNQ080 Datasheet
123Kb / 2P
Schottky PowerMod
logo
Sangdest Microelectroni...
303CNQ080 SMC-303CNQ080 Datasheet
211Kb / 4P
SCHOTTKY RECTIFIER
303CNQ080 SMC-303CNQ080 Datasheet
211Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
logo
SMC Diode Solutions Co....
303CNQ080 SMCDIODE-303CNQ080 Datasheet
343Kb / 5P
SCHOTTKY RECTIFIER
Rev. C
More results


Similar Description - 303CNQ080

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
CPT30035 MCC-CPT30035 Datasheet
139Kb / 3P
300 Amp Rectifier 30 to 90 Volts Schottky Barrier
MBR30020 MCC-MBR30020 Datasheet
140Kb / 3P
300 Amp Rectifier 20 to 45V olts Schottky Barrier
MBR30020CT MCC-MBR30020CT Datasheet
132Kb / 3P
300 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Vishay Siliconix
300CNQ045PBF VISHAY-300CNQ045PBF Datasheet
110Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
301CNQPBF VISHAY-301CNQPBF Datasheet
110Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
303CNQ100PBF VISHAY-303CNQ100PBF Datasheet
112Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
VSKCS301 VISHAY-VSKCS301 Datasheet
157Kb / 6P
Schottky Rectifier, 300 A
23-Apr-08
VSKCS303 VISHAY-VSKCS303 Datasheet
156Kb / 6P
Schottky Rectifier, 300 A
23-Apr-08
logo
Nell Semiconductor Co.,...
NKSD300-100 NELLSEMI-NKSD300-100 Datasheet
386Kb / 6P
Schottky Rectifier, 300 A
logo
Vishay Siliconix
VSKCS301 VISHAY-VSKCS301_V01 Datasheet
174Kb / 7P
Schottky Rectifier, 300 A
23-Apr-08
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com