Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-147(06) Datasheet (PDF) - Hirose Electric

MS-147(06) Datasheet PDF - Hirose Electric
Part # MS-147(06)
Download  MS-147(06) Download
File Size   174.18 Kbytes
Page   7 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Interface RF Connector with Switch, 3.9mm High, DC to 6GHz

MS-147(06) Datasheet (PDF)

Go To PDF Page Download Datasheet
MS-147(06) Datasheet PDF - Hirose Electric

Part # MS-147(06)
Download  MS-147(06) Click to download

File Size   174.18 Kbytes
Page   7 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Interface RF Connector with Switch, 3.9mm High, DC to 6GHz

MS-147(06) Datasheet (HTML) - Hirose Electric




Similar Part No. - MS-147(06)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MS-147 HIROSE-MS-147 Datasheet
122Kb / 7P
DC to 6GHz Ultra-Small Coaxial Switch
MS-147-CLP-1 HIROSE-MS-147-CLP-1 Datasheet
122Kb / 7P
DC to 6GHz Ultra-Small Coaxial Switch
MS-147-HRMJ-1 HIROSE-MS-147-HRMJ-1 Datasheet
122Kb / 7P
DC to 6GHz Ultra-Small Coaxial Switch
More results


Similar Description - MS-147(06)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MS-147 HIROSE-MS-147 Datasheet
122Kb / 7P
DC to 6GHz Ultra-Small Coaxial Switch
MS-151 HIROSE-MS-151 Datasheet
179Kb / 7P
Interface RF Connector with Switch
logo
Filtronic Compound Semi...
FMS2007 FILTRONIC-FMS2007 Datasheet
213Kb / 6P
DC-6GHz DPDT Diversity Switch
FMS2007QFN FILTRONIC-FMS2007QFN Datasheet
187Kb / 6P
DC-6GHz DPDT Diversity Switch
logo
Excelics Semiconductor,...
EMS101-C EXCELICS-EMS101-C Datasheet
182Kb / 3P
DC-6GHz GaAs MMIC SPDT SWITCH
logo
Pasternack Enterprises,...
PE3CA1004 PASTERNACK-PE3CA1004 Datasheet
391Kb / 4P
Operate from DC to 6GHz
PE3CA1018 PASTERNACK-PE3CA1018 Datasheet
395Kb / 4P
Operate from DC to 6GHz
PE3CA1025 PASTERNACK-PE3CA1025 Datasheet
385Kb / 4P
Operate from DC to 6GHz
PE3CA1027 PASTERNACK-PE3CA1027 Datasheet
386Kb / 4P
Operate from DC to 6GHz
logo
Hirose Electric
MS-151NB HIROSE-MS-151NB Datasheet
168Kb / 6P
Interface RF Connector with Switch, built-in interlock, DC to 3GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com