Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-147 Datasheet (PDF) - Hirose Electric

MS-147 Datasheet PDF - Hirose Electric
Part # MS-147
Download  MS-147 Download
File Size   122.98 Kbytes
Page   7 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description DC to 6GHz Ultra-Small Coaxial Switch

MS-147 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS-147 Datasheet PDF - Hirose Electric

Part # MS-147
Download  MS-147 Click to download

File Size   122.98 Kbytes
Page   7 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description DC to 6GHz Ultra-Small Coaxial Switch

MS-147 Datasheet (HTML) - Hirose Electric


MS-147 Product details

Outline
The ultra-small MS-147 coaxial switch series was developed for the portable terminal interface and for inspection of microwave boards (substrates) (DC – 6GHz) used at high frequencies.
To respond to the development of portable terminal technologies and popularization of highfrequency applications – up to 6GHz – this switch features low loss, low profile, and light weight.
   
Features
1. Low insertion loss
    Insertion loss is as low as: 0.15dB(or less)(Typically, 0.08dB at 1GHz) (Typically, 0.1dB at 2GHz)
2. Space saving
    External dimensions are 5.8mm x 5.4mm. Saves installation space.
3. Low profile
    Switch height is 3.9mm.
4. Light weight
    Switch weight is 0.11g
5. Long life
    The switch is guaranteed for up to 12,000 mechanical operations.
6. Auto insertable
    Available in embossey tape-and-reel auto-insertable format
7. Wide application range
    Operating frequency from DC to 6GHz.
8. Prevention of flux float-off
    Switch structure prevents flux float-off.
9. Self-alignment
    The eccentricity for plug mating is ±0.5mm.
   
Application
* Wireless communication (Bluetooth, IEEE 802.11)
* Machines (Portable terminal, notebook PC, ETC, POS terminal, GPS terminal PDA, etc.)
* Also suitable for other high-frequency machines.
   




Similar Part No. - MS-147

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MS-147(01) HIROSE-MS-147(01) Datasheet
174Kb / 7P
Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
MS-147(06) HIROSE-MS-147(06) Datasheet
174Kb / 7P
Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
MS-147-C(LP)-1 HIROSE-MS-147-C(LP)-1 Datasheet
174Kb / 7P
Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
MS-147-C(LP)-4 HIROSE-MS-147-C(LP)-4 Datasheet
174Kb / 7P
Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
MS-147-HRMJ-1 HIROSE-MS-147-HRMJ-1 Datasheet
174Kb / 7P
Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
More results


Similar Description - MS-147

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2007 FILTRONIC-FMS2007 Datasheet
213Kb / 6P
DC-6GHz DPDT Diversity Switch
FMS2007QFN FILTRONIC-FMS2007QFN Datasheet
187Kb / 6P
DC-6GHz DPDT Diversity Switch
logo
Excelics Semiconductor,...
EMS101-C EXCELICS-EMS101-C Datasheet
182Kb / 3P
DC-6GHz GaAs MMIC SPDT SWITCH
logo
Pasternack Enterprises,...
PE3CA1000 PASTERNACK-PE3CA1000 Datasheet
392Kb / 4P
Operate from DC to 6GHz
PE3CA1001 PASTERNACK-PE3CA1001 Datasheet
391Kb / 4P
Operate from DC to 6GHz
PE3CA1004 PASTERNACK-PE3CA1004 Datasheet
391Kb / 4P
Operate from DC to 6GHz
PE3CA1007 PASTERNACK-PE3CA1007 Datasheet
391Kb / 4P
Operate from DC to 6GHz
PE3CA1018 PASTERNACK-PE3CA1018 Datasheet
395Kb / 4P
Operate from DC to 6GHz
PE3CA1025 PASTERNACK-PE3CA1025 Datasheet
385Kb / 4P
Operate from DC to 6GHz
PE3CA1027 PASTERNACK-PE3CA1027 Datasheet
386Kb / 4P
Operate from DC to 6GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com