Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB-RT1 Datasheet (PDF) - TE Connectivity Ltd

PCB-RT1 Datasheet PDF - TE Connectivity Ltd
Part # PCB-RT1
Download  PCB-RT1 Download
File Size   567.9 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 5kV/10mm coil-contact, reinforced insulation

PCB-RT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCB-RT1 Datasheet PDF - TE Connectivity Ltd

Part # PCB-RT1
Download  PCB-RT1 Click to download

File Size   567.9 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 5kV/10mm coil-contact, reinforced insulation

PCB-RT1 Datasheet (HTML) - TE Connectivity Ltd




Similar Part No. - PCB-RT1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB-RE TEC-PCB-RE Datasheet
233Kb / 2P
Optimized height 10.6mm
PCB-REL TEC-PCB-REL Datasheet
234Kb / 2P
Especially suited for applications white goods consumer electronics, etc.
logo
BusBoard Prototype Syst...
PCB-RELAY8 BUSBOARD-PCB-RELAY8 Datasheet
785Kb / 3P
Octal Relay Output Board for Microcontroller Projects
Rev 0.10
logo
Taoglas antenna solutio...
PCB-RPSMAFRA-HT TAOGLAS-PCB-RPSMAFRA-HT Datasheet
245Kb / 3P
RP-SMA(F)RA PCB Mount Jack Connector
logo
TE Connectivity Ltd
PCB-RZ TEC-PCB-RZ Datasheet
370Kb / 4P
5kV/10mm coil-contact, reinforced insulation
More results


Similar Description - PCB-RT1

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
PRI TRANSFORMERS Reinforced Insulation
logo
TE Connectivity Ltd
SRL7 TEC-SRL7 Datasheet
294Kb / 2P
Reinforced insulation between contact circuits
logo
MORNSUN Science& Techno...
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
Reinforced insulation
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
Reinforced insulation
logo
TE Connectivity Ltd
430 TEC-430 Datasheet
473Kb / 3P
4kV/8mm coil-contact, reinforced insulation
PCB-RZ TEC-PCB-RZ Datasheet
370Kb / 4P
5kV/10mm coil-contact, reinforced insulation
RT2 TEC-RT2 Datasheet
542Kb / 3P
5kV/10mm coil-contact, reinforced insulation
RTH TEC-RTH Datasheet
283Kb / 2P
5kV/10mm coil-contact
RTX TEC-RTX Datasheet
180Kb / 2P
Reinforced insulation
RZL TEC-RZL Datasheet
309Kb / 3P
5kV/10mm coil-contact, reinforced insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com