Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE60 Datasheet (PDF) - Hongfa Technology

HFE60 Datasheet PDF - Hongfa Technology
Part # HFE60_17
Download  HFE60 Download
File Size   70.39 Kbytes
Page   4 Pages
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology
Description Low height 10.5mm

HFE60 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFE60 Datasheet PDF - Hongfa Technology

Part # HFE60_17
Download  HFE60 Click to download

File Size   70.39 Kbytes
Page   4 Pages
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology
Description Low height 10.5mm

HFE60 Datasheet (HTML) - Hongfa Technology




Similar Part No. - HFE60_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE60P HONGFA-HFE60P Datasheet
75Kb / 5P
SUBMINIATUER INTERMEDIATE POWER RELAY
HFE60P HONGFA-HFE60P_17 Datasheet
77Kb / 5P
Low height 10.5mm
More results


Similar Description - HFE60_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CEI309B32C3 ETC2-CEI309B32C3 Datasheet
34Kb / 1P
3.2mm x 10.5mm and 3.2 x 9.0mm Tubular
logo
Caliber Electronics Inc...
CEI310 CALIBER-CEI310 Datasheet
40Kb / 1P
3.2mm x 10.5mm and 3.2 x 9.0mm Tubular
logo
Amphenol Corporation
MA3CG-S1 AMPHENOL-MA3CG-S1 Datasheet
65Kb / 1P
M23 A Series Traditional Cord Grip, IP67, Cable Range 4.5 -10.5mm
MB3CG-S1 AMPHENOL-MB3CG-S1 Datasheet
60Kb / 1P
M23 B Series Traditional Cord Grip, IP67, Cable Range 7.5 -10.5mm
logo
TEMEX
RSO2520Z TEMEX-RSO2520Z Datasheet
476Kb / 7P
Low height profile
RSX5032C TEMEX-RSX5032C Datasheet
362Kb / 4P
Low height profile
logo
ECM Electronics Limited...
LNC ECM-LNC Datasheet
134Kb / 3P
Low 1.8mm Height Option
logo
Isahaya Electronics Cor...
VLA567-01R ISAHAYA-VLA567-01R Datasheet
337Kb / 9P
Low height, DIP structure
logo
Hongfa Technology
HFE60P HONGFA-HFE60P_17 Datasheet
77Kb / 5P
Low height 10.5mm
logo
HARTING Technology Grou...
09-00-000-6008 HARTING-09-00-000-6008 Datasheet
477Kb / 2P
Cable Sealing f. Split Hood, OD 9~10.5mm
2021-10-01
More results




About Hongfa Technology


Hongfa Technology is a Chinese manufacturer of electrical components and equipment, including relays, switches, and sensors. The company was founded in 1984 and is headquartered in Xiamen, China.

Hongfa Technology's products are used in a wide range of industries, including automotive, telecommunications, home appliances, and industrial automation. The company's product portfolio includes a variety of relays, such as electromagnetic relays, solid-state relays, and automotive relays, as well as switches and sensors.

Hongfa Technology is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Hongfa Technology is recognized as a leading manufacturer of electrical components in China, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electrical components industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com