Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064D Datasheet (PDF) - STMicroelectronics

M58LW064D Datasheet PDF - STMicroelectronics
Part # M58LW064D
Download  M58LW064D Download
File Size   349.0 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory

M58LW064D Datasheet (PDF)

Go To PDF Page Download Datasheet
M58LW064D Datasheet PDF - STMicroelectronics

Part # M58LW064D
Download  M58LW064D Click to download

File Size   349.0 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory

M58LW064D Datasheet (HTML) - STMicroelectronics


M58LW064D Product details

SUMMARY DESCRIPTION
The M58LW064D is a 64 Mbit (8Mb x 8 or 4Mb x16) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (2.7V to 3.6V) core supply.

FEATURES SUMMARY
■ WIDE x8 or x16 DATA BUS for HIGH BANDWIDTH
■ SUPPLY VOLTAGE
    – VDD = VDDQ = 2.7 to 3.6V for Program, Erase and Read operations
■ ACCESS TIME
    – Random Read 110ns
    – Page Mode Read 110/25ns
■ PROGRAMMING TIME
    – 16 Word Write Buffer
    – 12µs Word effective programming time
■ 64 UNIFORM 64 KWord/128KByte MEMORY BLOCKS
■ ENHANCED SECURITY
    – Block Protection/ Unprotection
    – VPEN signal for Program Erase Enable
    – 128 bit Protection Register with 64 bit Unique Code in OTP area
■ PROGRAM and ERASE SUSPEND
■ COMMON FLASH INTERFACE
■ 100, 000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 0020h
    – Device Code M58LW064D: 0017h
■ PACKAGES
    – Compliant with Lead-Free Soldering Processes
    – Lead-Free Versions




Similar Part No. - M58LW064D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW064D110N1 STMICROELECTRONICS-M58LW064D110N1 Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW064D110N1E STMICROELECTRONICS-M58LW064D110N1E Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW064D110N1F STMICROELECTRONICS-M58LW064D110N1F Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW064D110N1T STMICROELECTRONICS-M58LW064D110N1T Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
More results


Similar Description - M58LW064D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
12-Sep-2003
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M59PW064 STMICROELECTRONICS-M59PW064 Datasheet
457Kb / 24P
64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
15-Mar-2005
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
2005-Dec-15
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
logo
STMicroelectronics
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com