Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4502 Datasheet (PDF) - Toshiba Semiconductor

MP4502 Datasheet PDF - Toshiba Semiconductor
Part # MP4502
Download  MP4502 Download
File Size   263.87 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA POWER TRANSISTOR MODULE SILICON NPN EPITAXIAL TYPE

MP4502 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4502 Datasheet PDF - Toshiba Semiconductor

Part # MP4502
Download  MP4502 Click to download

File Size   263.87 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA POWER TRANSISTOR MODULE SILICON NPN EPITAXIAL TYPE

MP4502 Datasheet (HTML) - Toshiba Semiconductor


MP4502 Product details

High Power Switching Applications
Hammer Drive, Pulse Motor Drive and Inductive Load Switching

• Package with heat sink isolated to lead (SIP 12 pins)
• High collector power dissipation (4-device operation)
   : PT = 5 W (Ta = 25°C)
• High collector current: IC (DC) = 3 A (max)
• High DC current gain: hFE = 2000 (min) (VCE = 2 V, IC = 1.5 A)




Similar Part No. - MP4502

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MP450 MEANWELL-MP450 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
Toshiba Semiconductor
MP4501 TOSHIBA-MP4501 Datasheet
275Kb / 5P
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
MP4501 TOSHIBA-MP4501 Datasheet
189Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4501 TOSHIBA-MP4501_07 Datasheet
189Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4503 TOSHIBA-MP4503 Datasheet
191Kb / 8P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results


Similar Description - MP4502

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5703 TOSHIBA-2SC5703 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5713 TOSHIBA-2SC5713 Datasheet
159Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5784 TOSHIBA-2SC5784 Datasheet
178Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5785 TOSHIBA-2SC5785 Datasheet
182Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5714 TOSHIBA-2SC5714 Datasheet
112Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5174 TOSHIBA-2SC5174 Datasheet
172Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE
2SC6033 TOSHIBA-2SC6033 Datasheet
211Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
TPCP8504 TOSHIBA-TPCP8504 Datasheet
224Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
TTC009 TOSHIBA-TTC009 Datasheet
178Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
TMBT3904 TOSHIBA-TMBT3904 Datasheet
243Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2018-05-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com