Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX66C1024 Datasheet (PDF) - Macronix International

MX66C1024 Datasheet PDF - Macronix International
Part # MX66C1024
Download  MX66C1024 Download
File Size   323.87 Kbytes
Page   10 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 5V Low Power CMOS SRAM 128 x 8 Bit

MX66C1024 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX66C1024 Datasheet PDF - Macronix International

Part # MX66C1024
Download  MX66C1024 Click to download

File Size   323.87 Kbytes
Page   10 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 5V Low Power CMOS SRAM 128 x 8 Bit

MX66C1024 Datasheet (HTML) - Macronix International


MX66C1024 Product details

DESCRIPTION
The MX66C1024 is a high performance, extremely low power CMOS Static Random Access Memory organized as 131,072 words by 8 bits and operates at 5.0V supply voltage.
Advanced CMOS technology and circuit techniques provide both high speed and low power features with a typical CMOS standby current of 0.005uA and maximum access time of 70ns and 100ns Easy memory expansion is provided by an active LOW chip enable (CE1), an active HIGH chip enable (CE2), and active LOW output enable (OE) and three-state output drivers.
The MX66C1024 has an automatic power down feature, reducing the power consumption significantly when chip is deselected.
The MX66C1024 is available in the JEDEC standard 32 pin SOP, STSOP and TSOP.

FEATURES
• Vcc operation voltage : 5V
• Low power consumption :
    45mA (Max.) write current
    2mA (Max.) read current
    0.6uA (Typ.) CMOS standby current
• High speed access time :
    -70 70ns (Max.)
    -10 100ns (Max.)
• Input levels are CMOS-compatible
• Automatic power down when chip is deselected
• Three state outputs
• Fully static operation
• Data retention supply voltage as low as 1.2V
• Easy expansion with CE2, CE1, and OE options




Similar Part No. - MX66C1024

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
Very Low Power 32k x 8 CMOS SRAM
MX66C256MC-10 MCNIX-MX66C256MC-10 Datasheet
183Kb / 9P
Very Low Power 32k x 8 CMOS SRAM
MX66C256MC-70 MCNIX-MX66C256MC-70 Datasheet
183Kb / 9P
Very Low Power 32k x 8 CMOS SRAM
MX66C256MI-10 MCNIX-MX66C256MI-10 Datasheet
183Kb / 9P
Very Low Power 32k x 8 CMOS SRAM
MX66C256MI-70 MCNIX-MX66C256MI-70 Datasheet
183Kb / 9P
Very Low Power 32k x 8 CMOS SRAM
More results


Similar Description - MX66C1024

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
32K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488 Datasheet
159Kb / 12P
2048K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
8K X 8 BIT LOW POWER CMOS SRAM
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_13 Datasheet
427Kb / 13P
2048K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_13 Datasheet
237Kb / 12P
2048K X 8 BIT LOW POWER CMOS SRAM
LY62256_1008 LYONTEK-LY62256_1008 Datasheet
292Kb / 14P
32K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com