Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE734 Datasheet (PDF) - NEC

NE734 Datasheet PDF - NEC
Part # NE734
Download  NE734 Download
File Size   39.24 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON GENERAL PURPOSE TRANSISTOR

NE734 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE734 Datasheet PDF - NEC

Part # NE734
Download  NE734 Click to download

File Size   39.24 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON GENERAL PURPOSE TRANSISTOR

NE734 Datasheet (HTML) - NEC


NE734 Product details

DESCRIPTION
The NE734 series of NPN silicon general purpose UHF transistors provide the designer with a wide selection of reliable transistors for high speed logic and wide-band low noise amplifier applications. The series uses NECs highly reliable platinum-silicide, titanium, platinum, and gold metallization system to assure uniform performance and reliability. The NE73433 is in the plastic Mini-Mold package designed for high-speed automated assembly operations for large volume hybrid ICs. For hybrid MIC applications requiring more performance, the NE73435 is recommended. This device is packaged in the economical metal-ceramic, hermetic Micro-X package.

FEATURES
• LOW NOISE FIGURE: < 3 dB at 500 MHz
• HIGH GAIN: 15 dB at 500 MHz
• HIGH GAIN BANDWIDTH PRODUCT: 2 GHz
   (3 GHz for the NE73435)
• SMALL COLLECTOR CAPACITANCE: 1 pF
• HIGH RELIABILITY METALLIZATION




Similar Part No. - NE734

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
NE7 RICHCO-NE7 Datasheet
39Kb / 1P
CABLE CLAMPS, PLASTISOL DIPPED
logo
SIPAT Co,Ltd
NE71-0.2 SIPAT-NE71-0.2 Datasheet
52Kb / 1P
GSM Repeater
NE71-02 SIPAT-NE71-02 Datasheet
52Kb / 1P
GSM Repeater
logo
NEC
NE710 NEC-NE710 Datasheet
279Kb / 7P
LOW NOISE Ku-K BAND GaAs MESFET
NE71000 NEC-NE71000 Datasheet
279Kb / 7P
LOW NOISE Ku-K BAND GaAs MESFET
More results


Similar Description - NE734

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com