Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPW-2 Datasheet (PDF) - TT Electronics.

PPW-2 Datasheet PDF - TT Electronics.
Part # PPW-2
Download  PPW-2 Download
File Size   280.28 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description resistance to or1 ohms to 5k ohms

PPW-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PPW-2 Datasheet PDF - TT Electronics.

Part # PPW-2
Download  PPW-2 Click to download

File Size   280.28 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description resistance to or1 ohms to 5k ohms

PPW-2 Datasheet (HTML) - TT Electronics.




Similar Part No. - PPW-2

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PPW-2 WELWYN-PPW-2 Datasheet
136Kb / 2P
Semi-Precision Power Wirewound Resistors
More results


Similar Description - PPW-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CAY16-393J4LF BOURNS-CAY16-393J4LF Datasheet
535Kb / 3P
Resistance range: 10 ohms to 1 megohm
logo
E-SWITCH
K100208 E-SWITCH-K100208 Datasheet
56Kb / 1P
Contact Resistance : 10m-OHMS
K100209 E-SWITCH-K100209 Datasheet
62Kb / 1P
Contact Resistance : 10m-OHMS
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
Contact Resistance : 10m-OHMS
K200102 E-SWITCH-K200102 Datasheet
33Kb / 1P
Contact Resistance : 10m-OHMS
K200106 E-SWITCH-K200106 Datasheet
32Kb / 1P
Contact Resistance : 10m-OHMS
K200137 E-SWITCH-K200137 Datasheet
66Kb / 1P
Contact Resistance : 10m-OHMS
K200139 E-SWITCH-K200139 Datasheet
66Kb / 1P
Contact Resistance : 10m-OHMS
logo
TT Electronics.
RLR TTELEC-RLR Datasheet
254Kb / 3P
4.3 ohms to 3.01M ohms
SQM TTELEC-SQM Datasheet
419Kb / 3P
resistance or1 to 200k
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com