Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE97833 Datasheet (PDF) - NEC

NE97833 Datasheet PDF - NEC
Part # NE97833
Download  NE97833 Download
File Size   43.78 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PNP SILICON HIGH FREQUENCY TRANSISTOR

NE97833 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE97833 Datasheet PDF - NEC

Part # NE97833
Download  NE97833 Click to download

File Size   43.78 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PNP SILICON HIGH FREQUENCY TRANSISTOR

NE97833 Datasheet (HTML) - NEC


NE97833 Product details

DESCRIPTION
The NE97833 PNP silicon transistor is designed for ultrahigh speed current mode switching applications and microwave amplifiers up to 3.5 GHz. The NE97833 offers excellent performance and reliability at low cost.

FEATURES
• HIGH GAIN BANDWIDTH PRODUCT: fT = 5.5 GHz TYP
• HIGH SPEED SWITCHING CHARACTERISTICS
• NPN COMPLIMENT AVAILABLE: NE02133
• HIGH INSERTION POWER GAIN: |S21E|2 = 10 dB at 1 GHz




Similar Part No. - NE97833

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE97833 CEL-NE97833 Datasheet
170Kb / 6P
PNP SILICON HIGH FREQUENCY TRANSISTOR
NE97833-T1B-A CEL-NE97833-T1B-A Datasheet
170Kb / 6P
PNP SILICON HIGH FREQUENCY TRANSISTOR
More results


Similar Description - NE97833

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR4957LT1 MOTOROLA-MMBR4957LT1 Datasheet
66Kb / 4P
PNP Silicon High-Frequency Transistor
logo
Advanced Monolithic Sys...
AMS264 ADMOS-AMS264 Datasheet
22Kb / 3P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE97733 NEC-NE97733 Datasheet
45Kb / 5P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MM4019 MOTOROLA-MM4019 Datasheet
62Kb / 2P
HIGH FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CM4957 CENTRAL-CM4957 Datasheet
108Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
CM5160 CENTRAL-CM5160 Datasheet
76Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
California Eastern Labs
NE97833 CEL-NE97833 Datasheet
170Kb / 6P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF545 ASI-MRF545 Datasheet
32Kb / 1P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE97733 CEL-NE97733 Datasheet
477Kb / 5P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM4957 CENTRAL-CM4957_15 Datasheet
112Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com