Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8K2FRA Datasheet (PDF) - Rohm

SP8K2FRA Datasheet PDF - Rohm
Part # SP8K2FRA
Download  SP8K2FRA Download
File Size   2614.0 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 30V NchNch Middle Power MOSFET

SP8K2FRA Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8K2FRA Datasheet PDF - Rohm

Part # SP8K2FRA
Download  SP8K2FRA Click to download

File Size   2614.0 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 30V NchNch Middle Power MOSFET

SP8K2FRA Datasheet (HTML) - Rohm




Similar Part No. - SP8K2FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K2FU6TB ROHM-SP8K2FU6TB Datasheet
65Kb / 4P
Switching (30V, 6.0A)
More results


Similar Description - SP8K2FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ3E100BN ROHM-RQ3E100BN Datasheet
2Mb / 12P
Nch 30V 10A Middle Power MOSFET
HS8K1 ROHM-HS8K1 Datasheet
4Mb / 19P
30V Nch plus Nch Middle Power MOSFET
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
30V NchNch Middle Power MOSFET
SH8KA2 ROHM-SH8KA2 Datasheet
2Mb / 14P
30V NchNch Middle Power MOSFET
HP8S36 ROHM-HP8S36 Datasheet
4Mb / 19P
30V NchNch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
30V NchNch Middle Power MOSFET
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
30V NchNch Middle Power MOSFET
QS8K2FRA ROHM-QS8K2FRA Datasheet
1Mb / 14P
30V Nch Nch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
30V NchNch Middle Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com