Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10200FCT Datasheet (PDF) - Yea Shin Technology Co., Ltd

MBR10200FCT Datasheet PDF - Yea Shin Technology Co., Ltd
Part # MBR10200FCT
Download  MBR10200FCT Download
File Size   1302.36 Kbytes
Page   4 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 10A SCHOTTKY BARRIER RECTIFIER

MBR10200FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR10200FCT Datasheet PDF - Yea Shin Technology Co., Ltd

Part # MBR10200FCT
Download  MBR10200FCT Click to download

File Size   1302.36 Kbytes
Page   4 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 10A SCHOTTKY BARRIER RECTIFIER

MBR10200FCT Datasheet (HTML) - Yea Shin Technology Co., Ltd


MBR10200FCT Product details

FEATURES
• Schottky Barrier Chip
• Guard Ring for Transient Protection
• High Current Capability, Low Forward
• Low Reverse Leakage Current
• High Surge Current Capability
• Plastic Material has UL Flammability Classification 94V-O
• High temperature soldering : 260°C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - MBR10200FCT

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
MBR10200FCT CTC-MBR10200FCT Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR10200FCT PANJIT-MBR10200FCT Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR10200FCT SIRECT-MBR10200FCT Datasheet
133Kb / 3P
Power Schottky Rectifier - 10Amp 200Volt
logo
Compact Technology Corp...
MBR10200FCT CTC-MBR10200FCT Datasheet
80Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
MBR10200FCT FRONTIER-MBR10200FCT Datasheet
523Kb / 2P
10A SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - MBR10200FCT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
10A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com